Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMZ1005Y121CT Datasheet(PDF) 3 Page - TDK Electronics

Part # MMZ1005Y121CT
Description  Ferrite Beads SMD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ1005Y121CT Datasheet(HTML) 3 Page - TDK Electronics

  MMZ1005Y121CT Datasheet HTML 1Page - TDK Electronics MMZ1005Y121CT Datasheet HTML 2Page - TDK Electronics MMZ1005Y121CT Datasheet HTML 3Page - TDK Electronics MMZ1005Y121CT Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• All specifications are subject to change without notice.
(3/4)
005-01 / 20050905 / e9412_mmz1005.fm
EMC Components
MMZ Series MMZ1005 Type
Ferrite Beads
SMD
Size: JIS/IEC 1005, EIA 0402
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
MMZ1005S601C
MMZ1005S102C
MMZ1005Y400C
MMZ1005Y800C
MMZ1005Y121C
MMZ1005Y241C
MMZ1005Y301C
MMZ1005Y471C
MMZ1005Y601C
MMZ1005Y102C
MMZ1005Y152C
MMZ1005A152E
300
100
50
150
200
250
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
Z
R
X
1000
900
800
700
600
500
400
300
200
100
0
1
10
100
1000
10000
Frequency(MHz)
1600
1400
1200
1000
800
600
400
200
0
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
800
700
600
500
400
300
200
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
300
100
50
150
200
250
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
300
100
50
150
200
250
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
1000
900
800
700
600
500
400
300
200
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
800
700
600
500
400
300
200
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
800
700
600
500
400
300
200
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
3000
2500
2000
1500
1000
500
0
1
10
100
1000
10000
Frequency(MHz)
R
X
Z
1800
1600
1400
1200
1000
800
600
400
200
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
1600
1400
1200
1000
800
600
400
200
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X


Similar Part No. - MMZ1005Y121CT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ1005Y121CT000 TDK-MMZ1005Y121CT000 Datasheet
175Kb / 11P
   Chip Beads For general signal line
MMZ1005Y121CT000 TDK-MMZ1005Y121CT000 Datasheet
156Kb / 3P
   Chip Beads
More results

Similar Description - MMZ1005Y121CT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF50ACC321611-T TDK-HF50ACC321611-T Datasheet
77Kb / 3P
   Ferrite Beads SMD
HF70ACC635050-T TDK-HF70ACC635050-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC322513-T TDK-HF70ACC322513-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
logo
Frontier Electronics.
FB100505 FRONTIER-FB100505 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB201209 FRONTIER-FB201209 Datasheet
130Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
logo
TDK Electronics
ACB2012M-080-T TDK-ACB2012M-080-T Datasheet
86Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC201209-T TDK-HF70ACC201209-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
logo
Frontier Electronics.
FB160808 FRONTIER-FB160808 Datasheet
137Kb / 3P
   SMD MULTILAYER FERRITE CHIP BEADS
FB321611 FRONTIER-FB321611 Datasheet
129Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
logo
TDK Electronics
HF201209 TDK-HF201209 Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com