Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR6-188 Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # MR6-188
Description  MR3 Reflector Lamp Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

MR6-188 Datasheet(HTML) 2 Page - Gilway Technical Lamp

  MR6-188 Datasheet HTML 1Page - Gilway Technical Lamp MR6-188 Datasheet HTML 2Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Telephone:781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
22
Custom Reflector Assemblies
MR6 Reflector Lamp Assemblies
Line
Part
Life
Filament
Vacuum
Reflector
No.
No.
Volts
Amps
M.S.C.P.
Hours
Type
or Gas
Finish
Drawing
1
MR6-187
4.2
1.05
3.98
650
C-6
G
Polished Aluminum
A
2
MR6-188
5.0
1.0
3.34
10,000
C-6
G
Polished Aluminum
A
3
MR6-288
6.0
1.0
7.96
100
C-6
G
Polished Aluminum
A
These assemblies are also available with Gold Coated Reflector, Ellipsoidal Reflector or Custom Lead Length.
B
Line
Part
Reflector
No.
No.
Finish
Drawing
4
MR3-K
Polished Aluminum
B
5
MR3G-K
Gold Coated
B
•Threaded lamp holder and reflector allow for
easy customization of focal distance.
• Adjustable beam from parallel beam to fully
focused.
•Holder will accomodate any lamp with
1.27mm pin spacing.
•Gold Coated Reflector Assembly offers
improved infrared output from 0.6 to 4.5
microns.
Adjustable Focus Reflector Assemblies
Gilway reflector assemblies can be customized to better fit your
application. Please contact us with your unique requirements.
A


Similar Part No. - MR6-188

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MR600 VISHAY-MR600 Datasheet
83Kb / 3P
   Wirewound Resistor, Ultra Precision, Epoxy Molded, Radial Lead
MR602 VISHAY-MR602 Datasheet
83Kb / 3P
   Wirewound Resistor, Ultra Precision, Epoxy Molded, Radial Lead
logo
Mechatronics, Inc.
MR6025 MECHATRONICS-MR6025 Datasheet
70Kb / 1P
   UL94V-0 plastic impeller and frame
MR6025E MECHATRONICS-MR6025E Datasheet
70Kb / 1P
   UL94V-0 plastic impeller and frame
MR6025H MECHATRONICS-MR6025H Datasheet
70Kb / 1P
   UL94V-0 plastic impeller and frame
More results

Similar Description - MR6-188

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
1150-3 GILWAY-1150-3 Datasheet
157Kb / 2P
   MR3 Reflector Lamp Assemblies
logo
Elite Enterprises (H.K....
PG1N-MY57 ELITE-PG1N-MY57 Datasheet
331Kb / 3P
   Mining Lamp Reflector
logo
Chicago Miniature Lamp,...
MR-16 CML-MR-16 Datasheet
220Kb / 1P
   Low Voltage Halogen Lamp with Reflector
logo
Fairchild Semiconductor
QTLP680C FAIRCHILD-QTLP680C Datasheet
435Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT REFLECTOR
QTLP680C-23 FAIRCHILD-QTLP680C-23 Datasheet
128Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT REFLECTOR
logo
Gilway Technical Lamp
155-1526 GILWAY-155-1526 Datasheet
165Kb / 1P
   187/188 LAMP - ELLIPSOIDAL (GOLD COATED) REFLECTOR ASSAY.
logo
Hamamatsu Corporation
L10878 HAMAMATSU-L10878_15 Datasheet
186Kb / 2P
   LONG LIFE 100 W XENON SHORT ARC REFLECTOR LAMP
logo
Fairchild Semiconductor
QTLP680C-RY FAIRCHILD-QTLP680C-RY Datasheet
123Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT REFLECTOR (DUAL COLOR)
logo
Everlight Electronics C...
67-03-RSGHBHC-B06-1T EVERLIGHT-67-03-RSGHBHC-B06-1T Datasheet
444Kb / 13P
   REFLECTOR
EAPL3527RGBA4 EVERLIGHT-EAPL3527RGBA4 Datasheet
452Kb / 15P
   REFLECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com