Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSB-100MB Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # VSB-100MB
Description  1 POLE-16 A (HEAVY POWER CONTROL) VSB SERIES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VSB-100MB Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  VSB-100MB Datasheet HTML 1Page - Fujitsu Component Limited. VSB-100MB Datasheet HTML 2Page - Fujitsu Component Limited. VSB-100MB Datasheet HTML 3Page - Fujitsu Component Limited. VSB-100MB Datasheet HTML 4Page - Fujitsu Component Limited. VSB-100MB Datasheet HTML 5Page - Fujitsu Component Limited. VSB-100MB Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
VSB SERIES
s SPECIFICATIONS
Standard Type
High Sensitve Type
Item
VSB-( )
VSB-( )-S
Contact
Arrangement
1 form A (SPST-NO) or 1 form C (SPDT)
Material
Silver alloy
Style
Single
Resistance (initial)
Maximum 200 m
Ω (at 1 A 6 VDC)
Rating (resistive)
16 A 250 VAC/30 VDC
Maximum Carrying Current
16 A
Maximum Switching Power
4,000 VA, 480 W
Maximum Switching Voltage
380 VAC, 150 VDC
Maximum Switching Current
16 A
Minimum Switching Load*1
100 mA 5 VDC
Coil
Nominal Power (at 20
°C)
0.7 to 0.75 W
0.53 W
Nominal Voltage (at 20
°C)
0.35 to 0.37 W
0.26 W
Operating Temperature
–40
°C to +65°C (no frost)
–40
°C to +75°C (no frost)
Time Value
Operate (at nominal voltage)
Maximum 15 ms
Release (at nominal voltage)
Maximum 10 ms
Insulation
Resistance (at 500 VDC)
Minimum 1,000 M
Dielectric
between open contacts
1,000 VAC 1 minute
Strength
between coil and contacts*2
5,000 VAC 1 minute
Surge Strength*3
10,000 V (at 1.2 x 50
µs)
Life
Mechanical
2
× 107 operations minimum
Electrical
1
× 105 operations minimum (contact rating)
Other
Vibration
Misoperation
10 to 55 Hz (double amplitude of 1.5 mm)
Resistance
Endurance
10 to 55 Hz (double amplitude of 1.5 mm)
Misoperation
100 m/s2 (11
±1 ms)
Resistance
Endurance
1,000 m/s2 (6
±1 ms)
Weight
Approximately 18 g
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual load
before production since reference values may vary according to switching frequencies, environmental conditions and
expected reliability levels.
*2 IMQ
*3 IMQ
2
0


Similar Part No. - VSB-100MB

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VSB-12MB FUJITSU-VSB-12MB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VSB-12MC FUJITSU-VSB-12MC Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VSB-12SMB FUJITSU-VSB-12SMB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VSB-12SMC FUJITSU-VSB-12SMC Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
More results

Similar Description - VSB-100MB

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VRB-12 FUJITSU-VRB-12 Datasheet
98Kb / 5P
   POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
VFB-6HU FUJITSU-VFB-6HU Datasheet
356Kb / 8P
   POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
VFB-48HU FUJITSU-VFB-48HU Datasheet
184Kb / 9P
   1 POLE - 20/25/30A - Heavy power control
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
   POWER RELAY 1 POLE - 25A Heavy Load Control
VF-24HU FUJITSU-VF-24HU Datasheet
161Kb / 8P
   POWER RELAY 1 POLE - 20/25/30A - Heavy power control VF Series
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com