Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA06LT1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMBTA06LT1
Description  Driver Transistors(NPN Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTA06LT1 Datasheet(HTML) 4 Page - ON Semiconductor

  MMBTA06LT1 Datasheet HTML 1Page - ON Semiconductor MMBTA06LT1 Datasheet HTML 2Page - ON Semiconductor MMBTA06LT1 Datasheet HTML 3Page - ON Semiconductor MMBTA06LT1 Datasheet HTML 4Page - ON Semiconductor MMBTA06LT1 Datasheet HTML 5Page - ON Semiconductor MMBTA06LT1 Datasheet HTML 6Page - ON Semiconductor MMBTA06LT1 Datasheet HTML 7Page - ON Semiconductor MMBTA06LT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MMBTA05LT1, MMBTA06LT1
http://onsemi.com
4
Figure 7. Collector Saturation Region
Figure 8. Base–Emitter Temperature
Coefficient
100
500
0.5
IC, COLLECTOR CURRENT (mA)
-0.8
-1.2
-1.6
-2.0
-2.4
-2.8
0.1
10
0.05
IB, BASE CURRENT (mA)
1.0
0.8
0.6
0.4
0.2
0
1.0
TJ = 25°C
10
RqVB for VBE
50
IC =
100 mA
IC =
50 mA
IC =
250 mA
IC =
500 mA
IC =
10 mA
1.0 2.0
5.0
20
50
200
20
2.0
5.0
0.2
0.5


Similar Part No. - MMBTA06LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBTA06LT1 MOTOROLA-MMBTA06LT1 Datasheet
82Kb / 4P
   Driver Transistors
logo
Leshan Radio Company
MMBTA06LT1 LRC-MMBTA06LT1 Datasheet
51Kb / 2P
   Driver Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTA06LT1 ONSEMI-MMBTA06LT1 Datasheet
109Kb / 5P
   Driver Transistors NPN Silicon
October, 2010 ??Rev. 5
logo
Silicon Laboratories
MMBTA06LT1 SILABS-MMBTA06LT1 Datasheet
684Kb / 36P
   Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
logo
ON Semiconductor
MMBTA06LT1G ONSEMI-MMBTA06LT1G Datasheet
109Kb / 5P
   Driver Transistors NPN Silicon
October, 2010 ??Rev. 5
More results

Similar Description - MMBTA06LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBTA05LT1 LRC-MMBTA05LT1 Datasheet
51Kb / 2P
   Driver Transistors(NPN Silicon)
BSS64LT1 LRC-BSS64LT1 Datasheet
21Kb / 2P
   Driver Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTA05LT1G ONSEMI-MMBTA05LT1G Datasheet
109Kb / 5P
   Driver Transistors NPN Silicon
October, 2010 ??Rev. 5
logo
Weitron Technology
MMBTA05 WEITRON-MMBTA05_10 Datasheet
249Kb / 4P
   Driver NPN Transistors
MMBTA05 WEITRON-MMBTA05 Datasheet
256Kb / 4P
   Driver NPN Transistors
MPSA05 WEITRON-MPSA05 Datasheet
107Kb / 4P
   Driver NPN Transistors
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com