Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA13LT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBTA13LT1
Description  Darlington Amplifier Transistors(NPN Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTA13LT1 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBTA13LT1 Datasheet HTML 1Page - ON Semiconductor MMBTA13LT1 Datasheet HTML 2Page - ON Semiconductor MMBTA13LT1 Datasheet HTML 3Page - ON Semiconductor MMBTA13LT1 Datasheet HTML 4Page - ON Semiconductor MMBTA13LT1 Datasheet HTML 5Page - ON Semiconductor MMBTA13LT1 Datasheet HTML 6Page - ON Semiconductor MMBTA13LT1 Datasheet HTML 7Page - ON Semiconductor MMBTA13LT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MMBTA13LT1 MMBTA14LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS(3)
DC Current Gain
(IC = 10 mAdc, VCE = 5.0 Vdc)
MMBTA13
MMBTA14
(IC = 100 mAdc, VCE = 5.0 Vdc)
MMBTA13
MMBTA14
hFE
5000
10,000
10,000
20,000
Collector–Emitter Saturation Voltage
(IC = 100 mAdc, IB = 0.1 mAdc)
VCE(sat)
1.5
Vdc
Base–Emitter On Voltage
(IC = 100 mAdc, VCE = 5.0 Vdc)
VBE
2.0
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product(4)
(IC = 10 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
125
MHz
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
4. fT = |hfe| • ftest.
RS
in
en
IDEAL
TRANSISTOR
Figure 1. Transistor Noise Model


Similar Part No. - MMBTA13LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBTA13LT1 MOTOROLA-MMBTA13LT1 Datasheet
235Kb / 8P
   Darlington Amplifier Transistors
logo
Leshan Radio Company
MMBTA13LT1 LRC-MMBTA13LT1 Datasheet
210Kb / 5P
   Darlington Amplifier Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1 Datasheet
74Kb / 6P
   Darlington Amplifier Transistors
January, 2006 ??Rev. 2
MMBTA13LT1 ONSEMI-MMBTA13LT1 Datasheet
194Kb / 6P
   Darlington Amplifier Transistors
October, 2016 ??Rev. 6
MMBTA13LT1G ONSEMI-MMBTA13LT1G Datasheet
74Kb / 6P
   Darlington Amplifier Transistors
January, 2006 ??Rev. 2
More results

Similar Description - MMBTA13LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBTA13LT1 LRC-MMBTA13LT1 Datasheet
210Kb / 5P
   Darlington Amplifier Transistors(NPN Silicon)
logo
Weitron Technology
MMBT6427 WEITRON-MMBT6427 Datasheet
271Kb / 5P
   NPN Transistors Darlington Amplifier
MMBTA13 WEITRON-MMBTA13 Datasheet
208Kb / 5P
   NPN Transistors Darlington Amplifier
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
Central Semiconductor C...
MPSA28 CENTRAL-MPSA28 Datasheet
540Kb / 3P
   SILICON NPN DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50-BSP52 INFINEON-BSP50-BSP52 Datasheet
570Kb / 8P
   NPN Silicon Darlington Transistors
2011-10-05
logo
Central Semiconductor C...
BSS50 CENTRAL-BSS50 Datasheet
94Kb / 2P
   NPN SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50 INFINEON-BSP50_07 Datasheet
120Kb / 8P
   NPN Silicon Darlington Transistors
2007-03-30
BCV27 INFINEON-BCV27_07 Datasheet
76Kb / 8P
   NPN Silicon Darlington Transistors
2007-04-20
logo
Siemens Semiconductor G...
BD675 SIEMENS-BD675 Datasheet
134Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com