Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70T653MS12BCI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT70T653MS12BCI
Description  HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T653MS12BCI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT70T653MS12BCI Datasheet HTML 1Page - Integrated Device Technology IDT70T653MS12BCI Datasheet HTML 2Page - Integrated Device Technology IDT70T653MS12BCI Datasheet HTML 3Page - Integrated Device Technology IDT70T653MS12BCI Datasheet HTML 4Page - Integrated Device Technology IDT70T653MS12BCI Datasheet HTML 5Page - Integrated Device Technology IDT70T653MS12BCI Datasheet HTML 6Page - Integrated Device Technology IDT70T653MS12BCI Datasheet HTML 7Page - Integrated Device Technology IDT70T653MS12BCI Datasheet HTML 8Page - Integrated Device Technology IDT70T653MS12BCI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
©2003 Integrated Device Technology, Inc.
1
NOVEMBER 2003
DSC-5679/2
CE0R
R/
WR
CE1R
BE0R
BE1R
BE2R
BE3R
512K x 36
MEMORY
ARRAY
Address
Decoder
A18R
A0R
Address
Decoder
CE0L
R/
WL
CE1L
BE0L
BE1L
BE2L
BE3L
Dout0-8_L
Dout9-17_L
Dout18-26_L
Dout27-35_L
Dout0-8_R
Dout9-17_R
Dout18-26_R
Dout27-35_R
B
E
0
L
B
E
1
L
B
E
2
L
B
E
3
L
B
E
3
R
B
E
2
R
B
E
1
R
B
E
0
R
I/O0L- I/O35L
A18L
A0L
I/O0R -I/O35R
Di n_L
ADDR_L
Di n_R
ADDR_R
OER
OEL
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
SEML
INTL(1)
BUSYL
R/
WL
OEL
R/
WR
OER
CE0L
CE1L
CE0R
CE1R
BUSYR
SEMR
INTR(1)
5679 drw 01
ZZ
CONTROL
LOGIC
ZZL(2)
JTAG
TC K
TRST
TMS
TDI
TD O
ZZR(2)
Functional Block Diagram
Full on-chip hardware support of semaphore signaling
between ports
Fully asynchronous operation from either port
Separate byte controls for multiplexed bus and bus
matching compatibility
Sleep Mode Inputs on both ports
Single 2.5V (±100mV) power supply for core
LVTTL-compatible, selectable 3.3V (±150mV)/2.5V (±100mV)
power supply for I/Os and control signals on each port
Includes JTAG functionality
Available in a 256-ball Ball Grid Array
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Features
True Dual-Port memory cells which allow simultaneous
access of the same memory location
High-speed access
– Commercial: 10/12/15ns (max.)
– Industrial: 12ns (max.)
RapidWrite Mode simplifies high-speed consecutive write
cycles
Dual chip enables allow for depth expansion without
external logic
IDT70T653M easily expands data bus width to 72 bits or
more using the Busy Input when cascading more than one
device
Busy input for port contention management
Interrupt Flags
HIGH-SPEED 2.5V
512K x 36
ASYNCHRONOUS DUAL-PORT
STATIC RAM
WITH 3.3V 0R 2.5V INTERFACE
PRELIMINARY
IDT70T653M
NOTES:
1. INT is non-tri-state totem-pole outputs (push-pull).
2. The sleep mode pin shuts off all dynamic inputs, except JTAG inputs, when asserted. OPTx, INTx and the sleep mode
pins themselves (ZZx) are not affected during sleep mode.


Similar Part No. - IDT70T653MS12BCI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T653M IDT-IDT70T653M Datasheet
705Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T653M IDT-IDT70T653M Datasheet
236Kb / 24P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T653M IDT-IDT70T653M_15 Datasheet
705Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T653M IDT-IDT70T653M_17 Datasheet
236Kb / 24P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T653MS12BCI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T653M RENESAS-70T653M Datasheet
509Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
JUNE 2019
logo
Integrated Device Techn...
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
logo
Renesas Technology Corp
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
70T633 RENESAS-70T633 Datasheet
513Kb / 28P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
AUGUST 2019
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633 Datasheet
342Kb / 27P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70T653M IDT-IDT70T653M_15 Datasheet
705Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M Datasheet
421Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T3539M RENESAS-70T3539M Datasheet
642Kb / 27P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
JUNE 2019
logo
Integrated Device Techn...
IDT70T3509M IDT-IDT70T3509M Datasheet
259Kb / 23P
   HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
List of Unclassifed Man...
IDT70T3509MS133BPI ETC2-IDT70T3509MS133BPI Datasheet
275Kb / 23P
   HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com