Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR16R1622AF0 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # MR16R1622AF0
Description  (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die, 32s banks,16K/32ms Ref, 2.5V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MR16R1622AF0 Datasheet(HTML) 4 Page - Samsung semiconductor

  MR16R1622AF0 Datasheet HTML 1Page - Samsung semiconductor MR16R1622AF0 Datasheet HTML 2Page - Samsung semiconductor MR16R1622AF0 Datasheet HTML 3Page - Samsung semiconductor MR16R1622AF0 Datasheet HTML 4Page - Samsung semiconductor MR16R1622AF0 Datasheet HTML 5Page - Samsung semiconductor MR16R1622AF0 Datasheet HTML 6Page - Samsung semiconductor MR16R1622AF0 Datasheet HTML 7Page - Samsung semiconductor MR16R1622AF0 Datasheet HTML 8Page - Samsung semiconductor MR16R1622AF0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Page 3
Version 1.4 July 2002
MR16R1622(4/8/G)AF0
MR18R1622(4/8/G)AF0(1)
Table 3: Module Connector Pad Description
Signal
Pins
I/O
Type
Description
Gnd
A1, A3, A5, A7, A9, A11, A13, A15,
A17, A19, A21, A23, A25, A27, A29,
A31, A33, A39, A52, A60, A62, A64,
A66, A68, A70, A72, A74, A76, A78,
A80, A82, A84, A86, A88, A90, A92,
B1, B3, B5, B7, B9, B11, B13, B15,
B17, B19, B21, B23, B25, B27, B29,
B31, B33, B39, B52, B60, B62, B64,
B66, B68, B70, B72, B74, B76, B78,
B80, B82, B84, B86, B88, B90, B92
Ground reference for RDRAM core and interface. 72 PCB
connector pads.
LCFM
B10
IRSL
Clock from master. Interface clock used for receiving RSL
signals from the Channel. Positive polarity.
LCFMN
B12
IRSL
Clock from master. Interface clock used for receiving RSL
signals from the Channel. Negative polarity.
LCMD
B34
IVCMOS
Serial Command used to read from and write to the control
registers. Also used for power management.
LCOL4..
LCOL0
A20, B20, A22, B22, A24
IRSL
Column bus. 5-bit bus containing control and address infor-
mation for column accesses.
LCTM
A14
IRSL
Clock to master. Interface clock used for transmitting RSL
signals to the Channel. Positive polarity.
LCTMN
A12
IRSL
Clock to master. Interface clock used for transmitting RSL
signals to the Channel. Negative polarity.
LDQA8..
LDQA0
A2, B2, A4, B4, A6, B6, A8, B8, A10
I/O
RSL
Data bus A. A 9-bit bus carrying a byte of read or write data
between the Channel and the RDRAM device. LDQA8 is
non-functional on modules with x16 RDRAM devices
LDQB8..
LDQB0
B32, A32, B30, A30, B28, A28, B26,
A26, B24
I/O
RSL
Data bus B. A 9-bit bus carrying a byte of read or write data
between the Channel and the RDRAM device. LDQB8 is non-
functional on modules with x16 RDRAM devices.
LROW2..
LROW0
B16, A18, B18
IRSL
Row bus. 3-bit bus containing control and address information
for row accesses.
LSCK
A34
IVCMOS
Serial Clock input. Clock source used to read from and write
to the RDRAM control registers.
NC
A16, B14, A38, B38, A40, B40, A43,
B43, A44, B44, A45, B45, A46, B46,
A47, B47, A48, B48, A49, B49, A50,
B50, A77, B79
These pads are not connected. These 24 connector pads are
reserved for future use.
RCFM
B83
IRSL
Clock from master. Interface clock used for receiving RSL
signals from the Channel. Positive polarity.
RCFMN
B81
IRSL
Clock from master. Interface clock used for receiving RSL
signals from the Channel. Negative polarity.
RCMD
B59
IVCMOS
Serial Command Input. Pin used to read from and write to the
control registers. Also used for power management.


Similar Part No. - MR16R1622AF0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MR16R1622 SAMSUNG-MR16R1622 Datasheet
442Kb / 16P
   Key Timing Parameters
MR16R16224DF0 SAMSUNG-MR16R16224DF0 Datasheet
442Kb / 16P
   Key Timing Parameters
MR16R16228DF0 SAMSUNG-MR16R16228DF0 Datasheet
442Kb / 16P
   Key Timing Parameters
MR16R1622DF0 SAMSUNG-MR16R1622DF0 Datasheet
442Kb / 16P
   Key Timing Parameters
More results

Similar Description - MR16R1622AF0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MR18R326GAG0 SAMSUNG-MR18R326GAG0 Datasheet
259Kb / 14P
   (32Mx18) 16pcs RIMM Module based on 576Mb A-die, 32s banks,32K/32ms Ref, 2.5V
M390S2858ETU SAMSUNG-M390S2858ETU Datasheet
662Kb / 26P
   168pin Registered Module based on 256Mb E-die with 72-bit ECC
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
   576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
logo
Elpida Memory
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
logo
Samsung semiconductor
M393T3253FG SAMSUNG-M393T3253FG Datasheet
387Kb / 18P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 256Mb F-die 72-bit ECC
logo
Elpida Memory
EBR25EC8ABSA ELPIDA-EBR25EC8ABSA Datasheet
108Kb / 11P
   256MB Direct Rambus DRAM SO-RIMM Module
logo
Samsung semiconductor
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
logo
Elpida Memory
MC-4R256FKK6K ELPIDA-MC-4R256FKK6K Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com