Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA14LT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBTA14LT1
Description  Darlington Amplifier Transistors(NPN Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTA14LT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MMBTA14LT1 Datasheet HTML 1Page - ON Semiconductor MMBTA14LT1 Datasheet HTML 2Page - ON Semiconductor MMBTA14LT1 Datasheet HTML 3Page - ON Semiconductor MMBTA14LT1 Datasheet HTML 4Page - ON Semiconductor MMBTA14LT1 Datasheet HTML 5Page - ON Semiconductor MMBTA14LT1 Datasheet HTML 6Page - ON Semiconductor MMBTA14LT1 Datasheet HTML 7Page - ON Semiconductor MMBTA14LT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Darlington Amplifier
Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCES
30
Vdc
Collector–Base Voltage
VCBO
30
Vdc
Emitter–Base Voltage
VEBO
10
Vdc
Collector Current — Continuous
IC
300
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board(1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate,(2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
–55 to +150
°C
DEVICE MARKING
MMBTA13LT1 = 1M; MMBTA14LT1 = 1N
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 100 mAdc, VBE = 0)
V(BR)CES
30
Vdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
ICBO
100
nAdc
Emitter Cutoff Current
(VEB = 10 Vdc, IC = 0)
IEBO
100
nAdc
1. FR–5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
Preferred devices are ON Semiconductor recommended choices for future use and best overall value.
ON Semiconductort
© Semiconductor Components Industries, LLC, 2001
March, 2001 – Rev. 1
1
Publication Order Number:
MMBTA13LT1/D
MMBTA13LT1
MMBTA14LT1
MMBTA14LT1 is a Preferred Device
1
2
3
CASE 318–08, STYLE 6
SOT–23 (TO–236AB)
COLLECTOR 3
BASE
1
EMITTER 2


Similar Part No. - MMBTA14LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBTA14LT1 MOTOROLA-MMBTA14LT1 Datasheet
235Kb / 8P
   Darlington Amplifier Transistors
logo
Leshan Radio Company
MMBTA14LT1 LRC-MMBTA14LT1 Datasheet
210Kb / 5P
   Darlington Amplifier Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTA14LT1 ONSEMI-MMBTA14LT1 Datasheet
74Kb / 6P
   Darlington Amplifier Transistors
January, 2006 ??Rev. 2
MMBTA14LT1G ONSEMI-MMBTA14LT1G Datasheet
74Kb / 6P
   Darlington Amplifier Transistors
January, 2006 ??Rev. 2
MMBTA14LT1G ONSEMI-MMBTA14LT1G Datasheet
189Kb / 6P
   Darlington Amplifier Transistors
August, 2009 ??Rev. 3
More results

Similar Description - MMBTA14LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBTA13LT1 LRC-MMBTA13LT1 Datasheet
210Kb / 5P
   Darlington Amplifier Transistors(NPN Silicon)
logo
Weitron Technology
MMBT6427 WEITRON-MMBT6427 Datasheet
271Kb / 5P
   NPN Transistors Darlington Amplifier
MMBTA13 WEITRON-MMBTA13 Datasheet
208Kb / 5P
   NPN Transistors Darlington Amplifier
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
Central Semiconductor C...
MPSA28 CENTRAL-MPSA28 Datasheet
540Kb / 3P
   SILICON NPN DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50-BSP52 INFINEON-BSP50-BSP52 Datasheet
570Kb / 8P
   NPN Silicon Darlington Transistors
2011-10-05
logo
Central Semiconductor C...
BSS50 CENTRAL-BSS50 Datasheet
94Kb / 2P
   NPN SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50 INFINEON-BSP50_07 Datasheet
120Kb / 8P
   NPN Silicon Darlington Transistors
2007-03-30
BCV27 INFINEON-BCV27_07 Datasheet
76Kb / 8P
   NPN Silicon Darlington Transistors
2007-04-20
logo
Siemens Semiconductor G...
BD675 SIEMENS-BD675 Datasheet
134Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com