Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR18R1624AF1-CN9 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # MR18R1624AF1-CN9
Description  (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die, 32s banks,16K/32ms Ref, 2.5V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MR18R1624AF1-CN9 Datasheet(HTML) 3 Page - Samsung semiconductor

  MR18R1624AF1-CN9 Datasheet HTML 1Page - Samsung semiconductor MR18R1624AF1-CN9 Datasheet HTML 2Page - Samsung semiconductor MR18R1624AF1-CN9 Datasheet HTML 3Page - Samsung semiconductor MR18R1624AF1-CN9 Datasheet HTML 4Page - Samsung semiconductor MR18R1624AF1-CN9 Datasheet HTML 5Page - Samsung semiconductor MR18R1624AF1-CN9 Datasheet HTML 6Page - Samsung semiconductor MR18R1624AF1-CN9 Datasheet HTML 7Page - Samsung semiconductor MR18R1624AF1-CN9 Datasheet HTML 8Page - Samsung semiconductor MR18R1624AF1-CN9 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Page 2
Version 1.4 July 2002
MR16R1622(4/8/G)AF0
MR18R1622(4/8/G)AF0(1)
Table 2: Module Pad Numbers and Signal Names
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
A1
Gnd
B1
Gnd
A47
NC
B47
NC
A2
LDQA8
B2
LDQA7
A48
NC
B48
NC
A3
Gnd
B3
Gnd
A49
NC
B49
NC
A4
LDQA6
B4
LDQA5
A50
NC
B50
NC
A5
Gnd
B5
Gnd
A51
Vref
B51
Vref
A6
LDQA4
B6
LDQA3
A52
Gnd
B52
Gnd
A7
Gnd
B7
Gnd
A53
SCL
B53
SA0
A8
LDQA2
B8
LDQA1
A54
Vdd
B54
Vdd
A9
Gnd
B9
Gnd
A55
SDA
B55
SA1
A10
LDQA0
B10
LCFM
A56
SVdd
B56
SVdd
A11
Gnd
B11
Gnd
A57
SWP
B57
SA2
A12
LCTMN
B12
LCFMN
A58
Vdd
B58
Vdd
A13
Gnd
B13
Gnd
A59
RSCK
B59
RCMD
A14
LCTM
B14
NC
A60
Gnd
B60
Gnd
A15
Gnd
B15
Gnd
A61
RDQB7
B61
RDQB8
A16
NC
B16
LROW2
A62
Gnd
B62
Gnd
A17
Gnd
B17
Gnd
A63
RDQB5
B63
RDQB6
A18
LROW1
B18
LROW0
A64
Gnd
B64
Gnd
A19
Gnd
B19
Gnd
A65
RDQB3
B65
RDQB4
A20
LCOL4
B20
LCOL3
A66
Gnd
B66
Gnd
A21
Gnd
B21
Gnd
A67
RDQB1
B67
RDQB2
A22
LCOL2
B22
LCOL1
A68
Gnd
B68
Gnd
A23
Gnd
B23
Gnd
A69
RCOL0
B69
RDQB0
A24
LCOL0
B24
LDQB0
A70
Gnd
B70
Gnd
A25
Gnd
B25
Gnd
A71
RCOL2
B71
RCOL1
A26
LDQB1
B26
LDQB2
A72
Gnd
B72
Gnd
A27
Gnd
B27
Gnd
A73
RCOL4
B73
RCOL3
A28
LDQB3
B28
LDQB4
A74
Gnd
B74
Gnd
A29
Gnd
B29
Gnd
A75
RROW1
B75
RROW0
A30
LDQB5
B30
LDQB6
A76
Gnd
B76
Gnd
A31
Gnd
B31
Gnd
A77
NC
B77
RROW2
A32
LDQB7
B32
LDQB8
A78
Gnd
B78
Gnd
A33
Gnd
B33
Gnd
A79
RCTM
B79
NC
A34
LSCK
B34
LCMD
A80
Gnd
B80
Gnd
A35
Vcmos
B35
Vcmos
A81
RCTMN
B81
RCFMN
A36
SOUT
B36
SIN
A82
Gnd
B82
Gnd
A37
Vcmos
B37
Vcmos
A83
RDQA0
B83
RCFM
A38
NC
B38
NC
A84
Gnd
B84
Gnd
A39
Gnd
B39
Gnd
A85
RDQA2
B85
RDQA1
A40
NC
B40
NC
A86
Gnd
B86
Gnd
A41
Vdd
B41
Vdd
A87
RDQA4
B87
RDQA3
A42
Vdd
B42
Vdd
A88
Gnd
B88
Gnd
A43
NC
B43
NC
A89
RDQA6
B89
RDQA5
A44
NC
B44
NC
A90
Gnd
B90
Gnd
A45
NC
B45
NC
A91
RDQA8
B91
RDQA7
A46
NC
B46
NC
A92
Gnd
B92
Gnd


Similar Part No. - MR18R1624AF1-CN9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MR18R16248EG0 SAMSUNG-MR18R16248EG0 Datasheet
442Kb / 16P
   Key Timing Parameters
MR18R1624EG0-CK8 SAMSUNG-MR18R1624EG0-CK8 Datasheet
442Kb / 16P
   Key Timing Parameters
MR18R1624EG0-CM8 SAMSUNG-MR18R1624EG0-CM8 Datasheet
442Kb / 16P
   Key Timing Parameters
MR18R1624EG0-CT9 SAMSUNG-MR18R1624EG0-CT9 Datasheet
442Kb / 16P
   Key Timing Parameters
MR18R1624GEG0 SAMSUNG-MR18R1624GEG0 Datasheet
442Kb / 16P
   Key Timing Parameters
More results

Similar Description - MR18R1624AF1-CN9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MR18R326GAG0 SAMSUNG-MR18R326GAG0 Datasheet
259Kb / 14P
   (32Mx18) 16pcs RIMM Module based on 576Mb A-die, 32s banks,32K/32ms Ref, 2.5V
M390S2858ETU SAMSUNG-M390S2858ETU Datasheet
662Kb / 26P
   168pin Registered Module based on 256Mb E-die with 72-bit ECC
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
   576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
logo
Elpida Memory
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
logo
Samsung semiconductor
M393T3253FG SAMSUNG-M393T3253FG Datasheet
387Kb / 18P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 256Mb F-die 72-bit ECC
logo
Elpida Memory
EBR25EC8ABSA ELPIDA-EBR25EC8ABSA Datasheet
108Kb / 11P
   256MB Direct Rambus DRAM SO-RIMM Module
logo
Samsung semiconductor
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
logo
Elpida Memory
MC-4R256FKK6K ELPIDA-MC-4R256FKK6K Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com