Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB78560CAS Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PTB78560CAS
Description  30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTB78560CAS Datasheet(HTML) 4 Page - Texas Instruments

  PTB78560CAS Datasheet HTML 1Page - Texas Instruments PTB78560CAS Datasheet HTML 2Page - Texas Instruments PTB78560CAS Datasheet HTML 3Page - Texas Instruments PTB78560CAS Datasheet HTML 4Page - Texas Instruments PTB78560CAS Datasheet HTML 5Page - Texas Instruments PTB78560CAS Datasheet HTML 6Page - Texas Instruments PTB78560CAS Datasheet HTML 7Page - Texas Instruments PTB78560CAS Datasheet HTML 8Page - Texas Instruments PTB78560CAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
PTB78560B ELECTRICAL CHARACTERISTICS
PTB78560A, PTB78560B
PTB78560C
SLTS249–JUNE 2005
(Unless otherwise stated, TA = 25°C, VI =24V,VO = 3.3 V, CO = 330 µF, and IO =IOmax)
PTB78560B
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Over VI range
IO Bus
0.25 (1)
8 (2)
IO
Output current
IO Seq
0
4 (3)
A
Sum total, (IO Bus+IO Seq)
0.25
8
VI
Input voltage range
Over IO range
18
24
60
V
Set-point voltage tolerance
±1 (4)
%VO
Temperature variation
-40°C ≤ TA ≤ 85°C
±0.5
%VO
Line regulation
Over VI range
±7
±33
mV
VO
Load regulation
Over IO range
±13
±33
mV
Total output voltage variation
Includes set-point, line, load, –40°C ≤ TA ≤ 85°C
±2
±3 (4)
%VO
Adjust range
Over VI range
1.8
3.6
V
RSET =5.36kΩ,VO = 3.3 V
80%
η
Efficiency
RSET = 40.2 kΩ,VO = 2.5 V
77%
RSET = open , VO = 1.8 V
73%
VO Ripple (peak-to-peak)
20-MHz bandwidth
50
mVpp
0.1 A/µs load step,
Recovery time
100
µs
50% to 100%
Transient response
IOmax , CO = 330
VO over/undershoot
±150
mV
µF
Input current
Track connected to -Sense
-0.13
mA
Track input (pin 5)
Open-circuit voltage
0
VO Bus
Input slew rate limits
0.1 (5)
1V/ms
Referenced to -VI
Input high voltage (VIH)
2
Open (6)
V
Output enable inputs (pins 2, 3)
Input low voltage (VIL)-0.2
0.8
Input low current (IIL)
–0.8
mA
Standby input current
Pins 2 and 3 open
8
16
mA
IO (tot)
Overcurrent threshold
Shutdown, followed by autorecovery
12
A
VI increasing
17
UVLO
Undervoltage lockout
V
VI decreasing
16
ƒS
Switching frequency
Over VI range
400
500
600
kHz
Internal input capacitance
1µF
External input capacitance
Between +VI and –VI
100
µF
External output capacitance
Between both outputs and VO COM
220
330
5,000
µF
Isolation voltage
Input-output
1,500
Vdc
Isolation capacitance
Input-output
2,000
pF
Isolation resistance
Input-output
10
MΩ
Telcordia SR-332 50% stress, TA = 40°C, ground
MTBF
Reliability
3.6
106 Hr
benign
(1) The converter requires a minimum load current at either the VO Seq or VO Bus output for proper operation. The converter is not
damaged when operated under a no-load condition.
(2) See temperature derating curves for safe operating area (SOA), to determine output current derating at elevated ambient temperatures.
(3) When load current is supplied from the VO Seq output, the module exhibits higher power dissipation and slightly lower operating
efficiency.
(4) The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1%, with 100 ppm/°C temperature stability.
(5) When controlling the Track input from an external source, the slew rate of the applied signal must be greater than the minimum limit.
Failure to allow the voltage to completely rise to the voltage at the VO (bus) output, at no less than the minimum specified rate, may
thermally overstress the converter.
(6) The PEN and NEN inputs each have an internal pullup resistor. If the enable feature is not used, the PEN input (pin 2) should be left
open circuit and the NEN input (pin 3) permanently connected to –VI. A discrete MOSFET or bipolar transistor is recommended for the
enable control. The open-circuit voltage is less than 10 V. See the Application Information for a more detailed description.
4


Similar Part No. - PTB78560CAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB78560CAS TI1-PTB78560CAS Datasheet
653Kb / 27P
[Old version datasheet]   AUTO-TRACK??SEQUENCING
More results

Similar Description - PTB78560CAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB78560A TI-PTB78560A_15 Datasheet
592Kb / 27P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB48560A TI-PTB48560A_15 Datasheet
782Kb / 29P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB48560A TI-PTB48560A Datasheet
798Kb / 28P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING
PTB48520W TI1-PTB48520W Datasheet
433Kb / 18P
[Old version datasheet]   25-A, 48-V INPUT ISOLATED DC/DC CONVERTER WITH AUTO-TRACK??SEQUENCING
PT4582 TI-PT4582 Datasheet
181Kb / 9P
[Old version datasheet]   30-W 24/48-V Input Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PTB78560A TI1-PTB78560A_16 Datasheet
653Kb / 27P
[Old version datasheet]   AUTO-TRACK??SEQUENCING
logo
Bel Fuse Inc.
0RHB-C5T BEL-0RHB-C5T Datasheet
255Kb / 6P
   ISOLATED DC/DC CONVERTERS 48 V Input 3.3 V/50 A, 5.0 V/30 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com