Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN78060AAZT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTN78060AAZT
Description  15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78060AAZT Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTN78060AAZT Datasheet HTML 3Page - Texas Instruments PTN78060AAZT Datasheet HTML 4Page - Texas Instruments PTN78060AAZT Datasheet HTML 5Page - Texas Instruments PTN78060AAZT Datasheet HTML 6Page - Texas Instruments PTN78060AAZT Datasheet HTML 7Page - Texas Instruments PTN78060AAZT Datasheet HTML 8Page - Texas Instruments PTN78060AAZT Datasheet HTML 9Page - Texas Instruments PTN78060AAZT Datasheet HTML 10Page - Texas Instruments PTN78060AAZT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (24-V INPUT)(1)(2)
0
0.5
1
1.5
2
2.5
3
40
45
55
60
50
65
70
80
85
75
90
V
= -3 V
O
V
= -5 V
O
I
- Output Current - A
O
0
0.5
1
1.5
2
2.5
3
0
20
40
60
80
100
120
140
160
V
= -5 V
O
V
= -3 V
O
I
- Output Current - A
O
0
0.5
1
1.5
2
2.5
3
0
1
0.5
1.5
2
3
3.5
2.5
V = -5 V
O
V
= -3 V
O
I
- Output Current - A
O
0
0.5
1
1.5
2
2.5
3
20
30
50
40
60
70
80
90
V
= -5 V
O
200 LFM
100 LFM
Nat conv
V
= -3.3 V
O
200 LFM
100 LFM
Nat conv
I
- Output Current - A
O
0
0.5
1
1.5
2
2.5
3
20
30
50
40
60
70
80
90
200 LFM
100 LFM
Nat conv
200 LFM
100 LFM
Nat conv
I
- Output Current - A
O
V
= -5 V
O
V
= -5 V
O
PTN78060A
SLTS245A – APRIL 2005 – REVISED MAY 2005
EFFICIENCY
OUTPUT VOLTAGE RIPPLE
POWER DISSIPATION
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 13.
Figure 14.
Figure 15.
TEMPERATURE DERATING
TEMPERATURE DERATING
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 16.
Figure 17.
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 13, Figure 14, and Figure 15.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100 mm x 100 mm, double-sided PCB with 2 oz. copper.
Applies to Figure 16, and Figure 17.
7


Similar Part No. - PTN78060AAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78060A TI-PTN78060A_15 Datasheet
553Kb / 19P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
More results

Similar Description - PTN78060AAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78060A TI-PTN78060A_15 Datasheet
553Kb / 19P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78020A TI-PTN78020A Datasheet
1Mb / 19P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78020A TI-PTN78020A_15 Datasheet
473Kb / 20P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
logo
National Semiconductor ...
LH7001 NSC-LH7001 Datasheet
358Kb / 10P
   POSITIVE / NEGATIVE ADJUSTABLE REGULATOR
logo
Seme LAB
IP137SMD SEME-LAB-IP137SMD Datasheet
505Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05_10 Datasheet
415Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05 Datasheet
421Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137IG SEME-LAB-IP137IG Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137G SEME-LAB-IP137G Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137K SEME-LAB-IP137K Datasheet
305Kb / 7P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com