Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR18R1624AF0-CK8 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # MR18R1624AF0-CK8
Description  (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die, 32s banks,16K/32ms Ref, 2.5V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MR18R1624AF0-CK8 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button MR18R1624AF0-CK8 Datasheet HTML 5Page - Samsung semiconductor MR18R1624AF0-CK8 Datasheet HTML 6Page - Samsung semiconductor MR18R1624AF0-CK8 Datasheet HTML 7Page - Samsung semiconductor MR18R1624AF0-CK8 Datasheet HTML 8Page - Samsung semiconductor MR18R1624AF0-CK8 Datasheet HTML 9Page - Samsung semiconductor MR18R1624AF0-CK8 Datasheet HTML 10Page - Samsung semiconductor MR18R1624AF0-CK8 Datasheet HTML 11Page - Samsung semiconductor MR18R1624AF0-CK8 Datasheet HTML 12Page - Samsung semiconductor MR18R1624AF0-CK8 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Page 8
Version 1.4 July 2002
MR16R1622(4/8/G)AF0
MR18R1622(4/8/G)AF0(1)
AC Electrical Specifications
Adjusted
∆T
PD Specification
Table 8: AC Electrical Specifications
Symbol
Parameter and Conditions
Min
Typ
Max
Unit
ZL
Module Impedance of RSL Signals
25.2
28
30.8
ZUL-CMOS
Module Impedance of SCK and CMOS signals
23.8
28
32.2
TPD
Propagation Delay variation of RSL signals. Average clock
delay from finger to finger of all RSL clock nets (CTM,
CTMN, CFM, and CFMN)
-See
Table10a,b
ns
∆T
PD
Propagation delay variation of RSL signals with respect to TPD
b,c
for 2, 4 and 8 device modules
-21
21
ps
Propagation delay variation of RSL signals with respect to TPD
b,c
for 16 device modules
-24
24
ps
∆T
PD-CMOS
Propagation delay variation of SCK signals with respect to an
average clock delay
-250
250
ps
∆T
PD-SCK,CMD
Propagation delay variation of CMD signals with respect to SCK
signal
-200
200
ps
Vα/VIN
Attenuation Limit
See
Table10a
%
VXF/VIN
Forward crosstalk coefficient (300ps input rise time @ 20%-80%)
See
Table10a
%
VXB/VIN
Backward crosstalk coefficient (300ps input rise time @ 20%-
80%)
See
Table10a
%
a. Table 10 lists parameters and specifications for different storage capacity RIMM Modules that use 256Mb or 288Mb RDRAM devices.
b. TPD or Average clock delay is defined as the delay from finger to finger of RSL signal.
c. If the RIMM module meets the following specification, then it is compliant to the specification. If the RIMM module does not meet these specifica
tions, then the specification can be adjusted by the “Adjusted
∆T
PD Specification“ table 9 below.
Table 9: Adjusted
∆T
PD Specification
Symbol
Parameter and Conditions
Adjusted Min/Max
Absolute
Min / Max
Unit
∆T
PD
Propagation delay variation of RSL signals with respect to
TPD for 2, 4 and 8 device modules
+/-[20+(18*N*
∆Z0)]a
-30
30
ps
Propagation delay variation of RSL signals with respect to
TPD for 16 device modules
+/-[24+(18*N*
∆Z0)]a
-50
50
ps
a. Where:
N = Number of RDRAM devices installed on the RIMM module
∆Z0 = delta Z0% = (max Z0 - min Z0)/(min Z0)
(max Z0 and min Z0 are obtained from the loaded (high impedance) impedance coupons of all RSL layers on the modules)


Similar Part No. - MR18R1624AF0-CK8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MR18R16248EG0 SAMSUNG-MR18R16248EG0 Datasheet
442Kb / 16P
   Key Timing Parameters
MR18R1624EG0-CK8 SAMSUNG-MR18R1624EG0-CK8 Datasheet
442Kb / 16P
   Key Timing Parameters
MR18R1624EG0-CM8 SAMSUNG-MR18R1624EG0-CM8 Datasheet
442Kb / 16P
   Key Timing Parameters
MR18R1624EG0-CT9 SAMSUNG-MR18R1624EG0-CT9 Datasheet
442Kb / 16P
   Key Timing Parameters
MR18R1624GEG0 SAMSUNG-MR18R1624GEG0 Datasheet
442Kb / 16P
   Key Timing Parameters
More results

Similar Description - MR18R1624AF0-CK8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MR18R326GAG0 SAMSUNG-MR18R326GAG0 Datasheet
259Kb / 14P
   (32Mx18) 16pcs RIMM Module based on 576Mb A-die, 32s banks,32K/32ms Ref, 2.5V
M390S2858ETU SAMSUNG-M390S2858ETU Datasheet
662Kb / 26P
   168pin Registered Module based on 256Mb E-die with 72-bit ECC
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
   576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
logo
Elpida Memory
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
logo
Samsung semiconductor
M393T3253FG SAMSUNG-M393T3253FG Datasheet
387Kb / 18P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 256Mb F-die 72-bit ECC
logo
Elpida Memory
EBR25EC8ABSA ELPIDA-EBR25EC8ABSA Datasheet
108Kb / 11P
   256MB Direct Rambus DRAM SO-RIMM Module
logo
Samsung semiconductor
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
logo
Elpida Memory
MC-4R256FKK6K ELPIDA-MC-4R256FKK6K Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com