Model
Number
Input
Range
Output
Voltage
Output
Voltage Range
Output
Current
Input
Current (6)
Eff
(7)
(%)
Capacitor(8)
Load max
TEM03-05S33
4.5 – 9 VDC
3.3 VDC
2.84 – 3.67 VDC
600 mA
656 mA
65
3300 uF
TEM03-05S05
4.5 – 9 VDC
5 VDC
4.3 – 6 VDC
600 mA
909 mA
70
1500 uF
TEM03-05S12
4.5 – 9 VDC
12 VDC
12 – 15 VDC
250 mA
883 mA
72
700 uF
TEM03-05D12
4.5 – 9 VDC
I12 VDC
I12 – I15 VDC
I125 mA
883 mA
72
I250 uF
TEM03-12S33
9 – 18 VDC
3.3 VDC
2.84 – 3.67 VDC
600 mA
253 mA
70
3300 uF
TEM03-12S05
9 – 18 VDC
5 VDC
4.3 – 6 VDC
600 mA
352 mA
75
1500 uF
TEM03-12S12
9 – 18 VDC
12 VDC
12 – 15 VDC
250 mA
343 mA
77
700 uF
TEM03-12D12
9 – 18 VDC
I12 VDC
I12 – I15 VDC
I125 mA
343 mA
77
I250 uF
TEM03-24S33
18 – 36 VDC
3.3 VDC
2.84 – 3.67 VDC
600 mA
126 mA
70
3300 uF
TEM03-24S05
18 – 36 VDC
5 VDC
4.3 – 6 VDC
600 mA
176 mA
75
1500 uF
TEM03-24S12
18 – 36 VDC
12 VDC
12 – 15 VDC
250 mA
169 mA
78
700 uF
TEM03-24D12
18 – 36 VDC
I12 VDC
I12 – I15 VDC
I125 mA
169 mA
78
I250 uF
TEM03-48S33
36 – 75 VDC
3.3 VDC
2.84 – 3.67 VDC
600 mA
63 mA
70
3300 uF
TEM03-48S05
36 – 75 VDC
5 VDC
4.3 – 6 VDC
600 mA
88 mA
75
1500 uF
TEM03-48S12
36 – 75 VDC
12 VDC
12 – 15 VDC
250 mA
85 mA
78
700 uF
TEM03-48D12
36 – 75 VDC
I12 VDC
I12 – I15 VDC
I125 mA
85 mA
78
I250 uF
Note
1.
The follow output voltage can be outputted by connecting this terminal to an output + or – terminal. Unless the output voltage is adjusted, this terminal
should be open.
2.
In addition, the voltage can be adjusted not by shorting these terminals, but by connecting them to resistances as shown below.
3.
Arithmetic expression connected resistance: R ( K
)
3-1 Vo=(3.3*R+36.7)/(R+10)
3-2 Vo=(3.3*R+36.7)/(R+12.92)
3-3 Vo=2.5*[2+2.7/(R+6.8)]
3-4 Vo=2.5*[2-2.7/(R+9.5)]
3-5 Vo=2.5+9.5(R+10.9)/(R+8.2)
3-6 Vo=2.5+22*(R+12.7)/(R+10)(Between two outputs)
4.
Bellcore TR-NWT-000332. Case1:50% Stress, temperature at 40ºC.
(Ground fixed and controlled environment)
5.
The filter capacitor recommended use “ CHEMICON “ KMF series
or equivalent impedance at 0.16 ~ 0.33
( 100KHz 20
)
6.
Maximum value at nominal input voltage and full load.
7.
Typical value at nominal input voltage and full load.
8.
Test by minimum Vin and constant resistor load.
PIN CONNECTION
PIN
SINGLE
1
+ Vi
2
- Vi
3
NC
4
- Vo
5
Vset
6
+ Vo
DUAL
+ Vi
- Vi
- Vo
COM
Vset
+ Vo
30 40 50 60 70 80
-20
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
Derating Curve
Nature convection
4(3)
5(5)
TRIM UP
5(5)
6(6)
TRIM DOWN
Output can be externally trimmed by
using the method shown below.
(
) for dual output trim
EXTERNAL OUTPUT TRIMMING
RU
RD
ALL DIMENSIONS IN INCHES (mm)
PIN PITCH TOLERANCE
I0.014(0.35)
BOTTOM
VIEW