Electronic Components Datasheet Search |
|
C192K102M2X5CA Datasheet(PDF) 10 Page - Kemet Corporation |
|
C192K102M2X5CA Datasheet(HTML) 10 Page - Kemet Corporation |
10 / 40 page KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 10 KEMET ® KEMET CAPACITANCE PART NUMBER 100 VOLT — C31X SIZE 120 pF C31(1)C121(3)1G5CA 150 pF C31(1)C151(3)1G5CA 180 pF C31(1)C181(3)1G5CA 220 pF C31(1)C221(3)1G5CA 270 pF C31(1)C271(3)1G5CA 330 pF C31(1)C331(3)1G5CA 390 pF C31(1)C391(3)1G5CA 470 pF C31(1)C471(3)1G5CA 560 pF C31(1)C561(3)1G5CA 680 pF C31(1)C681(3)1G5CA 820 pF C31(1)C821(3)1G5CA 1,000 pF C31(1)C102(3)1G5CA 100 VOLT — C32X SIZE 680 pF C32(2)C681(3)1G5CA 820 pF C32(2)C821(3)1G5CA 1,000 pF C32(2)C102(3)1G5CA 1,200 pF C32(2)C122(3)1G5CA 1,500 pF C32(2)C152(3)1G5CA 1,800 pF C32(2)C182(3)1G5CA 2,200 pF C32(2)C222(3)1G5CA 2,700 pF C32(2)C272(3)1G5CA 3,300 pF C32(2)C332(3)1G5CA 3,900 pF C32(2)C392(3)1G5CA 4,700 pF C32(2)C472(3)1G5CA 5,600 pF C32(2)C562(3)1G5CA 100 VOLT — C33X SIZE 3,300 pF C33(4)C332(3)1G5CA 3,900 pF C33(4)C392(3)1G5CA 4,700 pF C33(4)C472(3)1G5CA 5,600 pF C33(4)C562(3)1G5CA 6,800 pF C33(4)C682(3)1G5CA 8,200 pF C33(4)C822(3)1G5CA .01 µF C33(4)C103(3)1G5CA .012 µF C33(4)C123(3)1G5CA .015 µF C33(4)C153(3)1G5CA .018 µF C33(4)C183(3)1G5CA .022 µF C33(4)C223(3)1G5CA .027 µF C33(4)C273(3)1G5CA 100 VOLT — C340 SIZE .027 µF C340C273(3)1G5CA .033 µF C340C333(3)1G5CA .039 µF C340C393(3)1G5CA .047 µF C340C473(3)1G5CA .056 µF C340C563(3)1G5CA .068 µF C340C683(3)1G5CA 100 VOLT — C350 SIZE .039 µF C350C393(3)1G5CA .047 µF C350C473(3)1G5CA .056 µF C350C563(3)1G5CA .068 µF C350C683(3)1G5CA .082 µF C350C823(3)1G5CA .1 µF C350C104(3)1G5CA .12 µF C350C124(3)1G5CA CERAMIC CONFORMALLY COATED/RADIAL “GOLDEN MAX” RATINGS & PART NUMBER REFERENCE: ULTRA-STABLE TEMPERATURE CHARACTERISTICS — C0G CAPACITOR MARKINGS KEMET CAPACITANCE PART NUMBER 200 VOLT — C31X SIZE 1.0 pF C31(1)C109(3)2G5CA 1.5 pF C31(1)C159(3)2G5CA 2.2 pF C31(1)C229(3)2G5CA 2.7 pF C31(1)C279(3)2G5CA 3.3 pF C31(1)C339(3)2G5CA 3.9 pF C31(1)C399(3)2G5CA 4.7 pF C31(1)C479(3)2G5CA 5.6 pF C31(1)C569(3)2G5CA 6.8 pF C31(1)C689(3)2G5CA 8.2 pF C31(1)C829(3)2G5CA 10 pF C31(1)C100(3)2G5CA 12 pF C31(1)C120(3)2G5CA 15 pF C31(1)C150(3)2G5CA 18 pF C31(1)C180(3)2G5CA 22 pF C31(1)C220(3)2G5CA 27 pF C31(1)C270(3)2G5CA 33 pF C31(1)C330(3)2G5CA 39 pF C31(1)C390(3)2G5CA 47 pF C31(1)C470(3)2G5CA 56 pF C31(1)C560(3)2G5CA 68 pF C31(1)C680(3)2G5CA 82 pF C31(1)C820(3)2G5CA 100 pF C31(1)C101(3)2G5CA 120 pF C31(1)C121(3)2G5CA 150 pF C31(1)C151(3)2G5CA 180 pF C31(1)C181(3)2G5CA 220 pF C31(1)C221(3)2G5CA 270 pF C31(1)C271(3)2G5CA 330 pF C31(1)C331(3)2G5CA 390 pF C31(1)C391(3)2G5CA 470 pF C31(1)C471(3)2G5CA 200 VOLT — C32X SIZE 1.0 pF C32(2)C109(3)2G5CA 1.5 pF C32(2)C159(3)2G5CA 2.2 pF C32(2)C229(3)2G5CA 2.7 pF C32(2)C279(3)2G5CA 3.3 pF C32(2)C339(3)2G5CA 3.9 pF C32(2)C399(3)2G5CA 4.7 pF C32(2)C479(3)2G5CA 5.6 pF C32(2)C569(3)2G5CA 6.8 pF C32(2)C689(3)2G5CA 8.2 pF C32(2)C829(3)2G5CA 10 pF C32(2)C100(3)2G5CA 12 pF C32(2)C120(3)2G5CA 15 pF C32(2)C150(3)2G5CA 18 pF C32(2)C180(3)2G5CA 22 pF C32(2)C220(3)2G5CA 27 pF C32(2)C270(3)2G5CA 33 pF C32(2)C330(3)2G5CA 39 pF C32(2)C390(3)2G5CA KEMET CAPACITANCE PART NUMBER 200 VOLT — C32X SIZE (Cont’d) 47 pF C32(2)C470(3)2G5CA 56 pF C32(2)C560(3)2G5CA 68 pF C32(2)C680(3)2G5CA 82 pF C32(2)C820(3)2G5CA 100 pF C32(2)C101(3)2G5CA 120 pF C32(2)C121(3)2G5CA 150 pF C32(2)C151(3)2G5CA 180 pF C32(2)C181(3)2G5CA 220 pF C32(2)C221(3)2G5CA 270 pF C32(2)C271(3)2G5CA 330 pF C32(2)C331(3)2G5CA 390 pF C32(2)C391(3)2G5CA 470 pF C32(2)C471(3)2G5CA 560 pF C32(2)C561(3)2G5CA 680 pF C32(2)C681(3)2G5CA 820 pF C32(2)C821(3)2G5CA 1,000 pF C32(2)C102(3)2G5CA 1,200 pF C32(2)C122(3)2G5CA 1,500 pF C32(2)C152(3)2G5CA 1,800 pF C32(2)C182(3)2G5CA 2,200 pF C32(2)C222(3)2G5CA 2,700 pF C32(2)C272(3)2G5CA 3,300 pF C32(2)C332(3)2G5CA 200 VOLT — C33X SIZE 2,700 pF C33(4)C272(3)2G5CA 3,300 pF C33(4)C332(3)2G5CA 3,900 pF C33(4)C392(3)2G5CA 4,700 pF C33(4)C472(3)2G5CA 5,600 pF C33(4)C562(3)2G5CA 6,800 pF C33(4)C682(3)2G5CA 8,200 pF C33(4)C822(3)2G5CA .01 µF C33(4)C103(3)2G5CA .012 µF C33(4)C123(3)2G5CA .015 µF C33(4)C153(3)2G5CA .018 µF C33(4)C183(3)2G5CA 200 VOLT — C340 SIZE .018 µF C340C183(3)2G5CA .022 µF C340C223(3)2G5CA .027 µF C340C273(3)2G5CA .033 µF C340C333(3)2G5CA .039 µF C340C393(3)2G5CA .047 µF C340C473(3)2G5CA 200 VOLT — C350 SIZE .039 µF C350C393(3)2G5CA .047 µF C350C473(3)2G5CA .056 µF C350C563(3)2G5CA .068 µF C350C683(3)2G5CA NOTES: (1) Case Sizes C315/C317 are identical electrically, but differ in lead spacing. See table of dimensions. Insert the appropriate symbol, “5” or “7” in the part number. (2) Case Sizes C320/C322/C323 are identical electrically. See table of dimensions. Insert the appropriate symbol, “0” or “2” or “3” in the part number. (3) Insert proper symbol for capacitance tolerance as follows: 1.0 pF – 8.2 pF: D – ± 0.5pF 10 pF – 22 pF: J – ±5%, K – ±10% 27 pF – 47 pF: G – ±2%, J – ±5%, K – ±10% 56 pF and up: F – ±1%, G – ±2%, J – ±5% (4) Case Sizes C330 and C333 are identical electrically. Insert the appropriate symbol “0” or “3” in the part number. Manufacturer (KEMET) Rated Voltage 5 - 50 volts 1 - 100 volts 2 - 200 volts Capacitance Tolerance Manufacturer (KEMET) Capacitance & Tolerance Dielectric C0G X7R Z5U Rated Voltage Capacitance Code Date Code Front K1K Back 102 C31X & C32X Size KX7R 105K 100V 0012 C340 & C350 Size Rated Voltage 5 - 50 volts 1 - 100 volts 2 - 200 volts Manufacturer (KEMET) Capacitance Tolerance Capacitance Code Dielectric G - C0G R - X7R U - Z5U K5U 104M C33X Size 0988 Layout rev 8/9/2000 9:54 AM Page 10 |
Similar Part No. - C192K102M2X5CA |
|
Similar Description - C192K102M2X5CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |