Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C31 Datasheet(PDF) 7 Page - Winbond

Part # W78C31
Description  8-BIT EMULATION MICROCONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C31 Datasheet(HTML) 7 Page - Winbond

Back Button W78C31 Datasheet HTML 3Page - Winbond W78C31 Datasheet HTML 4Page - Winbond W78C31 Datasheet HTML 5Page - Winbond W78C31 Datasheet HTML 6Page - Winbond W78C31 Datasheet HTML 7Page - Winbond W78C31 Datasheet HTML 8Page - Winbond W78C31 Datasheet HTML 9Page - Winbond W78C31 Datasheet HTML 10Page - Winbond W78C31 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
W78958B
Publication Release Date: September 1997
- 7 -
Revision A3
AP5.7
−AP5.0 Address Bus, Bits 7−0
TYPE
MODE
DESCRIPTION
Advanced
Normal
AP5<7:0> output the <7:0> address of the external ROM multiplexed
with the <7:0> address of the external data RAM.
Emulation
When ESEL is held at "L" level, AP5 is the low-byte address input for
the SFR/PC and internal RAM. When ESEL is held at "H" level, AP5
is in high impedance state.
Standard
Normal
Pins ROMS1 and ROMS0 determine functions of AP5. For details,
see Table D3.
Emulation
Same as in the advanced type.
ROMS1
ROMS0
FUNCTIONS of AP5
0
0
AP5 output the <7:0> address of the external 4K EPROM.
0
1
AP5 output the <7:0> address of the external 8K EPROM.
1
0
AP5 output the <7:0> address of the external 16K EPROM.
1
1
AP5 output the <7:0> address of the external 32K EPROM.
Table D3.
AP6.7
−AP6.0 Address Bus, Bit 15−8
TYPE
MODE
DESCRIPTION
Advanced
Normal
AP6<7:0> output the <15:8> address of the external ROM
multiplexed with the <15:8> address of the external data RAM.
During the execution of "MOVX @Ri," AP6's output comes from the
HB register, which is the page register for the high byte address.
Emulation
When ESEL is held at "L" level, AP6<0> is the address input for the
accesses to the SFR/PC and internal RAM. At this time, if AP6<0> =
0, the SFR/PC can be accessed; if AP6<0> = 1, the internal RAM
can be accessed. When ESEL is held at "H" level, AP6 is in high
impedance state.
Standard
Normal
Pins ROMS1 and ROMS0 determine functions of AP6. For details,
see Table D4.
Emulation
Same as in the advanced type.


Similar Part No. - W78C31

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C32B WINBOND-W78C32B Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
W78C32B-16 WINBOND-W78C32B-16 Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
W78C32B-24 WINBOND-W78C32B-24 Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
W78C32B-33 WINBOND-W78C32B-33 Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
W78C32B-40 WINBOND-W78C32B-40 Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C31

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com