Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT3126 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # CBT3126
Description  Quadruple FET bus switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT3126 Datasheet(HTML) 5 Page - NXP Semiconductors

  CBT3126 Datasheet HTML 1Page - NXP Semiconductors CBT3126 Datasheet HTML 2Page - NXP Semiconductors CBT3126 Datasheet HTML 3Page - NXP Semiconductors CBT3126 Datasheet HTML 4Page - NXP Semiconductors CBT3126 Datasheet HTML 5Page - NXP Semiconductors CBT3126 Datasheet HTML 6Page - NXP Semiconductors CBT3126 Datasheet HTML 7Page - NXP Semiconductors CBT3126 Datasheet HTML 8Page - NXP Semiconductors CBT3126 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product data
CBT3126
Quadruple FET bus switch
2001 Dec 12
5
AC WAVEFORMS
VM = 1.5 V, VIN = GND to 3.0V
INPUT
1.5 V
OUTPUT
tPLH
tPHL
SA00028
1.5 V
1.5 V
1.5 V
3 V
0 V
VOH
VOL
tPLH and tPHL are the same as tpd.
Waveform 1. Input to Output Propagation Delays
Output Control
1.5 V
tPZH
tPHZ
VOH
VOL
tPZL
tPLZ
3.5 V
0 V
VOL + 0.3 V
VOH – 0.3 V
SA00558
1.5 V
1.5 V
1.5 V
0 V
3 V
Output
Waveform 1
S1 at 7 V
(see Note)
Note:
Waveform 1 is for an output with internal conditions such that
the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that
the output is high except when disabled by the output control.
Output
Waveform 2
S1 at Open
(see Note)
tPLZ and tPHZ are the same as tdis.
tPZL and tPZH are the same as ten.
Waveform 2. Output Enable and Disable Times
TEST CIRCUIT
CL = 50 pF
500
Load Circuit
DEFINITIONS
CL =
Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
TEST
S1
tpd
open
tPLZ/tPZL
7 V
tPHZ/tPZH
open
SA00012
500
From Output
Under Test
S1
7 V
Open
GND
tPLZ and tPHZ are the same as tdis.
tPZL and tPZH are the same as ten.
NOTES:
1. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns,
tf ≤ 2.5 ns.
2. The outputs are measured one at a time with one transition per
measurement.


Similar Part No. - CBT3126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3126 NXP-CBT3126 Datasheet
91Kb / 13P
   Quad FET bus switch
Rev. 03-9 December 2008
CBT3126D NXP-CBT3126D Datasheet
91Kb / 13P
   Quad FET bus switch
Rev. 03-9 December 2008
CBT3126DB NXP-CBT3126DB Datasheet
91Kb / 13P
   Quad FET bus switch
Rev. 03-9 December 2008
CBT3126DS NXP-CBT3126DS Datasheet
91Kb / 13P
   Quad FET bus switch
Rev. 03-9 December 2008
CBT3126PW NXP-CBT3126PW Datasheet
91Kb / 13P
   Quad FET bus switch
Rev. 03-9 December 2008
More results

Similar Description - CBT3126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3125 TI-SN74CBT3125 Datasheet
64Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
SN74CB3Q3125 TI1-SN74CB3Q3125_15 Datasheet
1Mb / 26P
[Old version datasheet]   Quadruple FET Bus Switch
SN74CB3T3125 TI-SN74CB3T3125 Datasheet
188Kb / 12P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
SN74CBT3126 TI-SN74CBT3126 Datasheet
63Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125_15 Datasheet
102Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Nexperia B.V. All right...
CBT3125 NEXPERIA-CBT3125 Datasheet
218Kb / 12P
   Quadruple FET bus switch
Rev. 2 - 1 October 2018
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125 Datasheet
96Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Unisonic Technologies
U74CBT3126 UTC-U74CBT3126 Datasheet
196Kb / 5P
   QUADRUPLE FET BUS SWITCH
U74CBT3126 UTC-U74CBT3126_15 Datasheet
232Kb / 5P
   QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT3126DBQR TI1-SN74CBT3126DBQR Datasheet
1Mb / 19P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com