Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3P9688 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S3P9688
Description  8-bit single-chip CMOS microcontrollers
Download  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P9688 Datasheet(HTML) 2 Page - Samsung semiconductor

  S3P9688 Datasheet HTML 1Page - Samsung semiconductor S3P9688 Datasheet HTML 2Page - Samsung semiconductor S3P9688 Datasheet HTML 3Page - Samsung semiconductor S3P9688 Datasheet HTML 4Page - Samsung semiconductor S3P9688 Datasheet HTML 5Page - Samsung semiconductor S3P9688 Datasheet HTML 6Page - Samsung semiconductor S3P9688 Datasheet HTML 7Page - Samsung semiconductor S3P9688 Datasheet HTML 8Page - Samsung semiconductor S3P9688 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 209 page
background image
PRODUCT OVERVIEW
S3C9688/P9688
1-2
FEATURES
CPU
SAM88RCRI CPU core
Memory
8 K byte internal program memory (ROM)
208 byte RAM
Instruction Set
41 instructions
IDLE and STOP instructions added for power-down modes
Instruction Execution Time
0.66
µs at 6 MHz f
OSC
Interrupts
29 interrupt sources with one vector, each source has its
pending bit
One level, one vector interrupt structure
Oscillation Circuit
6 MHz crystal/ceramic oscillator
External clock source (6 MHz)
Embedded oscillation capacitor (XI, XO, 33pF)
General I/O
Bit programmable five I/O ports (34 pins total)
(D+/PS2, D-/PS2 Included)
Timer/Counter
One 8-bit basic timer for watchdog function and
programmable oscillation stabilization interval generation
function
One 8-bit timer/counter with Compare/Overflow
USB Serial Bus
Compatible to USB low speed (1.5 Mbps) device 2.0
specification.
1 Control endpoint and 2 Interrupt endpoint
Serial bus interface engine (SIE)
Packet decoding/generation
CRC generation and checking
NRZI encoding/decoding and bit-stuffing
8 bytes each receive/transmit USB buffer
Low Voltage Reset
Low voltage detect for RESET
Power on Reset
Operating Temperature Range
– 40 °C to + 85 °C
Operating Voltage Range
4.0 V to 5.25 V
Package Types
42-pin SDIP
44-pin QFP


Similar Part No. - S3P9688

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P9614 SAMSUNG-S3P9614 Datasheet
178Kb / 27P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3P9648 SAMSUNG-S3P9648 Datasheet
179Kb / 26P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
More results

Similar Description - S3P9688

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C453 PHILIPS-80C453 Datasheet
262Kb / 23P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
80C32 PHILIPS-80C32 Datasheet
663Kb / 62P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com