Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-130040 Datasheet(PDF) 1 Page - Vicor Corporation

Part # 19-130040
Description  ConverterPACs are the family of slide-in output assemblies used in MegaPAC power supplies
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

19-130040 Datasheet(HTML) 1 Page - Vicor Corporation

  19-130040 Datasheet HTML 1Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ConverterPAC Description
ConverterPACs are the family of slide-in output assemblies used in MegaPAC power supplies. There are
currently 12 ConverterPACs available for use. Most ConverterPACs of the same length are interchange-
able within a MegaPAC and between different AC input MegaPAC chassis. They can be added, moved,
or changed as necessary. The type of ConverterPAC used in this slot is a BatPAC.
BatPAC (B)
The BatPAC output assembly consists of a 1st Gen VI-200 BatMod current source that
converts the high voltage bus to the desired regulated output voltage. The convert-
er is fused with a PC-Tron, DC-rated, fast-acting fuse. The BatPAC is a 200
Watts programmable current source that can be configured as a battery charg-
er. Maximum current and voltage settings are controlled using potentiometers
that come as a standard feature, or through Trim pin access as an option.
BatPACs are available for 12V, 24V and 48V battery systems. Multiple
BatPACs can be paralleled in a driver-booster configuration to provide more
power. BatPACs can be ordered with voltage limits, current limits, both or nei-
ther. Please also note that newer BatPACs have new outputs studs that are 1/8"
longer to allow for multiple lugs. They are fully compatible with the original flanged nut
ConverterPACs for use in parallel arrays.
For further technical information about ConverterPACs, contact
Applications Engineering at 1-800-927-9474.
BatPAC Specifications
BatPACs come standard with trimpots for setting the maximum voltage or current settings. The minimum and
maximum voltage and current settings are listed in the table below.
BatPAC Output and Connector Pin Identification
VOLTAGE LIMIT ADJUST
- VOUT
J2 (BATPAC REMOTE INTERFACE)
CURRENT MONITOR
CURRENT LIMIT ADJUST
- VOUT
VOLTAGE LIMIT ADJUST
1
3
2
4
J3-PIN1
CURRENT LIMIT ADJUST
CRIMP TOOL MOLEX P/N: 57005-5000
TERMINALS- MOLEX P/N: 30-00-0031
HOUSING- MOLEX P/N: 39-01-0043
MATING HDWR:
+ V0UT
For more details about any Westcor products, contact the factory at 1-800-735-6200 or go to our website at
www.vicorpower.com
Output connector kits (optional) for
your MegaPAC supply are available
for purchase from Westcor:
Part Number
Single phase input
19-130040
Three phase input
19-130041
Voltage
Current
Nominal BatPAC
Voltage
Minimum
Maximum
Minimum
Maximum
12
11.3
16.5
0
14.5
24
22.5
33
0
7.3
48
45
66
0
3.6
1/2005


Similar Part No. - 19-130040

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
19-130040 VICOR-19-130040 Datasheet
176Kb / 1P
   ConverterPACs are the family of slide-in output assemblies used in MegaPAC power supplies
More results

Similar Description - 19-130040

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
19-130042 VICOR-19-130042 Datasheet
176Kb / 1P
   ConverterPACs are the family of slide-in output assemblies used in MegaPAC power supplies
logo
Alpha Wire
XHD1IN ALPHAWIRE-XHD1IN Datasheet
184Kb / 3P
   All materials used in the manufacture of this part are in compliance
FIT-105-MS-1 ALPHAWIRE-FIT-105-MS-1 Datasheet
185Kb / 3P
   All materials used in the manufacture of this part are in compliance
FIT-221-MS-2 ALPHAWIRE-FIT-221-MS-2 Datasheet
226Kb / 3P
   All materials used in the manufacture of this part are in compliance
FIT-KIT-221BK ALPHAWIRE-FIT-KIT-221BK Datasheet
185Kb / 3P
   All materials used in the manufacture of this part are in compliance
XHD3 ALPHAWIRE-XHD3 Datasheet
184Kb / 3P
   All materials used in the manufacture of this part are in compliance
XHD5 ALPHAWIRE-XHD5 Datasheet
184Kb / 3P
   All materials used in the manufacture of this part are in compliance
XHD11 ALPHAWIRE-XHD11 Datasheet
184Kb / 3P
   All materials used in the manufacture of this part are in compliance
FIT-321-MS-1 ALPHAWIRE-FIT-321-MS-1 Datasheet
185Kb / 3P
   All materials used in the manufacture of this part are in compliance
FIT-KIT-221C ALPHAWIRE-FIT-KIT-221C Datasheet
185Kb / 3P
   All materials used in the manufacture of this part are in compliance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com