Part Name
         Description
MMUN2111LT1

 PNP SILICON BIAS RESISTOR TRANSISTOR ( 12 Page)


ONSEMI
100% 
Zoom Out Zoom In
 
 5 page
background image
MMUN2111LT1 Series
http://onsemi.com
5
TYPICAL ELECTRICAL CHARACTERISTICS
MMUN2112LT1
Figure 7. VCE(sat) versus IC
Figure 8. DC Current Gain
1000
10
IC, COLLECTOR CURRENT (mA)
100
10
1
100
TA =75°C
25°C
-25°C
Figure 9. Output Capacitance
IC, COLLECTOR CURRENT (mA)
0
10
20
30
TA = -25°C
75°C
100
10
1
0.1
40
50
Figure 10. Output Current versus Input Voltage
100
10
1
0.1
0.01
0.001 0 1
2
3
4
Vin, INPUT VOLTAGE (VOLTS)
75°C
25°C
TA = -25°C
5
6
7
8
9
10
Figure 11. Input Voltage versus Output Current
0.01
0.1
1
10
40
IC, COLLECTOR CURRENT (mA)
0
20
60
80
75°C
25°C
TA = -25°C
50
010
20
30
40
4
3
2
1
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
25°C
f = 1 MHz
lE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
VCE = 10 V
1  2  3  4  5  6  7  8  9  10  11  12 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DTA114EEBias Resistor Transistor PNP Silicon 1 2 3 4 5 MoreWeitron Technology
MUN5111T1PNP SILICON BIAS RESISTOR TRANSISTOR 1 2 3 4 5 MoreON Semiconductor
DTA114YEBias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreMotorola, Inc
MMUN2111Bias Resistor Transistor PNP Silicon 1 2 3 4 5 MoreWeitron Technology
RN2907FETOSHIBA Transistor Silicon PNP Epitaxial Type PCT process Bias Resistor built-in Transistor 1 2 3 4 Toshiba Semiconductor
RN4901FETOSHIBA Transistor Silicon PNP - NPN Epitaxial Type PCT process Bias Resistor built-in Transistor 1 2 3 4 Toshiba Semiconductor
MMUN2111LT1PNP SILICON BIAS RESISTOR TRANSISTOR 1 2 3 4 5 MoreMotorola, Inc
MUN2111Bias Resistor Transistor PNP Silicon 1 2 3 4 5 MoreWeitron Technology
MUN2111T1PNP SILICON BIAS RESISTOR TRANSISTOR 1 2 3 4 5 MoreMotorola, Inc
MUN5111Bias Resistor Transistor PNP Silicon 1 2 3 4 5 MoreWeitron Technology

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl