Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I1819D-08TT Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # I1819D-08TT
Description  Low Power Mobile VGA EMI Reduction IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

I1819D-08TT Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  I1819D-08TT Datasheet HTML 1Page - Alliance Semiconductor Corporation I1819D-08TT Datasheet HTML 2Page - Alliance Semiconductor Corporation I1819D-08TT Datasheet HTML 3Page - Alliance Semiconductor Corporation I1819D-08TT Datasheet HTML 4Page - Alliance Semiconductor Corporation I1819D-08TT Datasheet HTML 5Page - Alliance Semiconductor Corporation I1819D-08TT Datasheet HTML 6Page - Alliance Semiconductor Corporation I1819D-08TT Datasheet HTML 7Page - Alliance Semiconductor Corporation I1819D-08TT Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Alliance Semiconductor
Production
March 2003
P1818/19/20/21/22
Low Power Mobile VGA EMI Reduction IC
2575 Augustine Drive • Santa Clara, CA 95054 • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
®
Notice: The information in this document is subject to change without notice.
Features
FCC approved method of EMI attenuation
Provides up to 15 dB EMI reduction
Generates a low EMI spread spectrum clock and a
non-spread reference clock of the input frequency
Optimized for frequency range from 10 MHz to 160
MHz
P1818: 10 to 20 MHz
P1819: 20 to 40 MHz
P1820: 40 to 80 MHz
P1821: 10 to 40 MHz
P1822: 80 to 160 MHz
Internal loop filter minimizes external components
and board space
Selectable spread options: Down Spread and Cen-
ter Spread
Low inherent cycle-to-cycle jitter
Eight spread % selections: +/-0.625% to –3.5%
3.3V operating voltage
CMOS/TTL compatible inputs and outputs
Low power CMOS design
Supports notebook VGA and other LCD timing
controller applications
Power down function for mobile application
Products are available for industrial temperature
range.
Available in 8-pin SOIC and TSSOP
Product Description
The P18xx is a versatile spread spectrum frequency
modulator designed specifically for a wide range of input
clock frequencies from 10 to 160 MHz (see Input Fre-
quency and Modulation Rate Selections). The P18xx
can generate an EMI reduced clock from crystal,
ceramic resonator, or system clock. The P18xx-A to
P18xx-H offer various combinations of spread options
and percentage deviations (see Spread Deviation Selec-
tions). These combinations include Down Spread,
Center Spread and percentage deviation range from
±0.625% to -3.50%.
The P18xx reduces electromagnetic interference (EMI)
at the clock source, allowing a system wide EMI
reduction for all the down stream clocks and data
dependent signals. The P18xx allows significant system
cost savings by reducing the number of circuit board
layers, ferrite beads, shielding, and other passive
components that are traditionally required to pass EMI
regulations.
The P18xx modulates the output of a single PLL in
order to “spread” the bandwidth of a synthesized clock,
thereby decreasing the peak amplitudes of its
harmonics. This results in significantly lower system
EMI compared to the typical narrow band signal
produced by oscillators and most clock generators.
Lowering EMI by increasing a signal’s bandwidth is
called “spread spectrum clock generation”.
The P18xx uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented by using a proprietary all-digital method.
Applications
The P18xx is targeted toward EMI management for
memory and LVDS interfaces in mobile graphic
chipsets and high-speed digital applications such as
PC peripheral devices, consumer electronics, and
embedded controller systems.


Similar Part No. - I1819D-08TT

ManufacturerPart #DatasheetDescription
logo
Winbond
I1810P WINBOND-I1810P Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
I1810S WINBOND-I1810S Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
I1810X WINBOND-I1810X Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Alliance Semiconductor ...
I1817A-08SR ALSC-I1817A-08SR Datasheet
302Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
PulseCore Semiconductor
I1817A-08TT PULSECORE-I1817A-08TT Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
More results

Similar Description - I1819D-08TT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P1819N ALSC-ASM3P1819N Datasheet
354Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
ASM3P1819N ONSEMI-ASM3P1819N Datasheet
109Kb / 6P
   Low Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P1817A PULSECORE-P1817A Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
P1817A ONSEMI-P1817A Datasheet
120Kb / 7P
   Low-Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P1817A ALSC-P1817A Datasheet
302Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P1819N PULSECORE-ASM3P1819N Datasheet
332Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
   Low Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
   Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
   Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com