Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2212LT1 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MMUN2212LT1
Description  NPN SILICON BIAS RESISTOR TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMUN2212LT1 Datasheet(HTML) 5 Page - Motorola, Inc

  MMUN2212LT1 Datasheet HTML 1Page - Motorola, Inc MMUN2212LT1 Datasheet HTML 2Page - Motorola, Inc MMUN2212LT1 Datasheet HTML 3Page - Motorola, Inc MMUN2212LT1 Datasheet HTML 4Page - Motorola, Inc MMUN2212LT1 Datasheet HTML 5Page - Motorola, Inc MMUN2212LT1 Datasheet HTML 6Page - Motorola, Inc MMUN2212LT1 Datasheet HTML 7Page - Motorola, Inc MMUN2212LT1 Datasheet HTML 8Page - Motorola, Inc MMUN2212LT1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MMUN2211LT1 SERIES
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
MMUN2212LT1
Figure 7. VCE(sat) versus IC
Figure 8. DC Current Gain
Figure 9. Output Capacitance
Figure 10. Output Current versus Input Voltage
1000
10
IC, COLLECTOR CURRENT (mA)
100
10
1
100
75
°C
25
°C
100
0
Vin, INPUT VOLTAGE (VOLTS)
10
1
0.1
0.01
0.001
24
68
10
TA = –25°C
0
IC, COLLECTOR CURRENT (mA)
100
TA = –25°C
75
°C
10
1
0.1
10
20
30
40
50
Figure 11. Input Voltage versus Output Current
0.001
TA = –25°C
75
°C
25
°C
0.01
0.1
1
40
IC, COLLECTOR CURRENT (mA)
020
60
80
50
0
1020
3040
4
3
2
1
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
f = 1 MHz
lE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
25
°C
TA =75°C
–25
°C
VCE = 10 V
25
°C


Similar Part No. - MMUN2212LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMUN2212LT1 LRC-MMUN2212LT1 Datasheet
146Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2212LT1 ONSEMI-MMUN2212LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
MMUN2212LT1G ONSEMI-MMUN2212LT1G Datasheet
100Kb / 12P
   Bias Resistor Transistor
August, 2005 ??Rev. 7
MMUN2212LT1G ONSEMI-MMUN2212LT1G Datasheet
177Kb / 18P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor
October, 2010 ??Rev. 11
MMUN2212LT1G ONSEMI-MMUN2212LT1G Datasheet
140Kb / 12P
   Digital Transistors (BRT) R1 = 22 k, R2 = 22 k
August, 2012 ??Rev. 0
More results

Similar Description - MMUN2212LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com