Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF30CJ-22DS Datasheet(PDF) 9 Page - Hirose Electric

Part # DF30CJ-22DS
Description  0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF30CJ-22DS Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF30CJ-22DS Datasheet HTML 3Page - Hirose Electric DF30CJ-22DS Datasheet HTML 4Page - Hirose Electric DF30CJ-22DS Datasheet HTML 5Page - Hirose Electric DF30CJ-22DS Datasheet HTML 6Page - Hirose Electric DF30CJ-22DS Datasheet HTML 7Page - Hirose Electric DF30CJ-22DS Datasheet HTML 8Page - Hirose Electric DF30CJ-22DS Datasheet HTML 9Page - Hirose Electric DF30CJ-22DS Datasheet HTML 10Page - Hirose Electric DF30CJ-22DS Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
BUsage Recommendations
2. Recommended manual soldering
3. Recommended screen thickness and
open area ratio (Pattern area ratio)
4.Board warpage
5.Cleaning conditions
6. Precautions
1. Recommended temperature profile
s Due to the extremely small size of the connectors, handling it with bare hands should
be avoided. Follow the recommendations given on the proceeding pages.
s Use of fluxes is NOT recommended.
s Different production lots may exhibit some discoloration of the insulator material. This
will not affect form, fit or function of the connectors.
s The connectors should not be used a sole PCB support. It is recommended to use
additional means of board support.
Refer to "Nylon Connector Use Handbook".
Maximum of 0.02 mm at the connector center, with both ends of the connector as reference points.
Manual soldering: 290±10ç for 3 seconds
Note 1: Up to 2 cycles of Reflow soldering are possible under the same conditions, provided that there is
a return to normal temperature between the first and second cycle.
Note 2: The temperature profile indicates the board surface temperature at the point of contacts with the
connector terminals.
Thickness: 0.12 mm
Opening are ratio: DS side 100%, DP side 84%
(Temperature)
Reflow Conditions
Preheating: 150ç to 170ç 60 to 120 sec.
Soldering: 245±5ç
10 sec. max.
220ç
60 sec. max.
250ç max.
220ç
200ç
250ç
150ç
100ç
60 to 120 sec.
60 sec. max.
50ç
0 sec.
50 sec.
100 sec.
150 sec. (Time)
10 sec. max


Similar Part No. - DF30CJ-22DS

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF30CA120 SANREX-DF30CA120 Datasheet
103Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF30CA160 SANREX-DF30CA160 Datasheet
103Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF30CA80 SANREX-DF30CA80 Datasheet
103Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
More results

Similar Description - DF30CJ-22DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Omron Electronics LLC
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A Datasheet
562Kb / 6P
   0.4-mm Pitch Board to FPC Connector
logo
Hirose Electric
DF24A-40DS-0.9C HIROSE-DF24A-40DS-0.9C Datasheet
419Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF24 HIROSE-DF24 Datasheet
427Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com