Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF30FB-20DS-0.4V Datasheet(PDF) 7 Page - Hirose Electric

Part # DF30FB-20DS-0.4V
Description  0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF30FB-20DS-0.4V Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF30FB-20DS-0.4V Datasheet HTML 3Page - Hirose Electric DF30FB-20DS-0.4V Datasheet HTML 4Page - Hirose Electric DF30FB-20DS-0.4V Datasheet HTML 5Page - Hirose Electric DF30FB-20DS-0.4V Datasheet HTML 6Page - Hirose Electric DF30FB-20DS-0.4V Datasheet HTML 7Page - Hirose Electric DF30FB-20DS-0.4V Datasheet HTML 8Page - Hirose Electric DF30FB-20DS-0.4V Datasheet HTML 9Page - Hirose Electric DF30FB-20DS-0.4V Datasheet HTML 10Page - Hirose Electric DF30FB-20DS-0.4V Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Unit: mm
Embossed tape 32mm or wider will have perforated feed holes on two sides.
Part Number
DF30#-20DS-0.4V(**)
DF30#-22DS-0.4V(**)
DF30#-24DS-0.4V(**)
DF30#-30DS-0.4V(**)
DF30#-34DS-0.4V(**)
DF30#-40DS-0.4V(**)
DF30#-50DS-0.4V(**)
DF30#-60DS-0.4V(**)
DF30#-70DS-0.4V(**)
DF30#-80DS-0.4V(**)
16.0
16.0
16.0
16.0
16.0
24.0
24.0
24.0
24.0
32.0
28.4
07.5
07.5
07.5
07.5
07.5
11.5
11.5
11.5
11.5
14.2
16.4
16.4
16.4
16.4
16.4
24.4
24.4
24.4
24.4
32.4
22.4
22.4
22.4
22.4
22.4
30.4
30.4
30.4
30.4
38.4
A
B
C
D
E
8±0.1
1.4±0.15
0.3±0.1
(2.3)
F-F
GG
F
H
G-G
F
4±0.1
2±0.1
Unreeling direction
1.7+0.25
-0.05
Detail H
1.5+0.2
-0
R0.75
+0.1
0
E MAX
Ø13±0.2
Ø21±0.8
2±0.5
Part number label
D
+2
0
Unreeling direction
BPackaging Specification
q Embossed Carrier Tape Dimensions - Receptacle
q Reel Dimensions


Similar Part No. - DF30FB-20DS-0.4V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF300R07PE4_B6 INFINEON-DF300R07PE4_B6 Datasheet
847Kb / 10P
   EconoPACK4 Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode und NTC
2013-11-11 revision:2.1
DF300R07W2H3_B77 INFINEON-DF300R07W2H3_B77 Datasheet
745Kb / 20P
   EasyPACK??2B module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC
Revision 1.00 2021-11-15
logo
Token Electronics Indus...
DF3066S170D TOKEN-DF3066S170D Datasheet
524Kb / 19P
   DF-B Dielectric Filters
logo
SanRex Corporation
DF30AA120 SANREX-DF30AA120 Datasheet
90Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF30AA160 SANREX-DF30AA160 Datasheet
90Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
More results

Similar Description - DF30FB-20DS-0.4V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Omron Electronics LLC
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A Datasheet
562Kb / 6P
   0.4-mm Pitch Board to FPC Connector
logo
Hirose Electric
DF24A-40DS-0.9C HIROSE-DF24A-40DS-0.9C Datasheet
419Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF24 HIROSE-DF24 Datasheet
427Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com