Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2115LT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMUN2115LT1
Description  PNP SILICON BIAS RESISTOR TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMUN2115LT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMUN2115LT1 Datasheet HTML 1Page - ON Semiconductor MMUN2115LT1 Datasheet HTML 2Page - ON Semiconductor MMUN2115LT1 Datasheet HTML 3Page - ON Semiconductor MMUN2115LT1 Datasheet HTML 4Page - ON Semiconductor MMUN2115LT1 Datasheet HTML 5Page - ON Semiconductor MMUN2115LT1 Datasheet HTML 6Page - ON Semiconductor MMUN2115LT1 Datasheet HTML 7Page - ON Semiconductor MMUN2115LT1 Datasheet HTML 8Page - ON Semiconductor MMUN2115LT1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MMUN2111LT1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 5.)
DC Current Gain
MMUN2111LT1
(VCE = 10 V, IC = 5.0 mA)
MMUN2112LT1
MMUN2113LT1
MMUN2114LT1
MMUN2115LT1
MMUN2116LT1
MMUN2130LT1
MMUN2131LT1
MMUN2132LT1
MMUN2133LT1
MMUN2134LT1
hFE
35
60
80
80
160
160
3.0
8.0
15
80
80
60
100
140
140
250
250
5.0
15
27
140
130
Collector-Emitter Saturation Voltage
(IC = 10 mA, IE = 0.3 mA)
(IC = 10 mA, IB = 5 mA) MMUN2130LT1/MMUN2131LT1
(IC = 10 mA, IB = 1 mA) MMUN2115LT1/MMUN2116LT1/
MMUN2132LT1/MMUN2133LT1/MMUN2134LT1
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kΩ)
MMUN2111LT1
MMUN2112LT1
MMUN2114LT1
MMUN2115LT1
MMUN2116LT1
MMUN2130LT1
MMUN2131LT1
MMUN2132LT1
MMUN2133LT1
MMUN2134LT1
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kΩ)
MMUN2113LT1
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kΩ)
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kΩ)
MMUN2115LT1
MMUN2116LT1
MMUN2131LT1
MMUN2132LT1
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kΩ) MMUN2130LT1
VOH
4.9
Vdc
Input Resistor
MMUN2111LT1
MMUN2112LT1
MMUN2113LT1
MMUN2114LT1
MMUN2115LT1
MMUN2116LT1
MMUN2130LT1
MMUN2131LT1
MMUN2132LT1
MMUN2133LT1
MMUN2134LT1
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
k
Resistor Ratio MMUN2111LT1/MMUN2112LT1/MMUN2113LT1
MMUN2114LT1
MMUN2115LT1/MMUN2116LT1
MMUN2130LT1/MMUN2131LT1/MMUN2132LT1
MMUN2133LT1
R1/R2
0.8
0.17
0.8
0.055
1.0
0.21
1.0
0.1
1.2
0.25
1.2
0.185
5. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - MMUN2115LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMUN2115LT1 MOTOROLA-MMUN2115LT1 Datasheet
267Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
Leshan Radio Company
MMUN2115LT1 LRC-MMUN2115LT1 Datasheet
145Kb / 7P
   Bias Resistor Transistors
MMUN2115LT1 LRC-MMUN2115LT1 Datasheet
266Kb / 7P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2115LT1G ONSEMI-MMUN2115LT1G Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 =  k
September, 2012 ??Rev. 1
MMUN2115LT1G ONSEMI-MMUN2115LT1G Datasheet
149Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2013 ??Rev. 2
More results

Similar Description - MMUN2115LT1

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Motorola, Inc
MUN5111T1 MOTOROLA-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
DTA114EE WEITRON-DTA114EE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com