Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMVL535T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMVL535T1
Description  15 VOLT VOLTAGE VARIABLE CAPACITANCE DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMVL535T1 Datasheet(HTML) 1 Page - ON Semiconductor

  MMVL535T1 Datasheet HTML 1Page - ON Semiconductor MMVL535T1 Datasheet HTML 2Page - ON Semiconductor MMVL535T1 Datasheet HTML 3Page - ON Semiconductor MMVL535T1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Advance Information
Voltage Variable Capacitance
Diode for UHF Band Radio
This device is designed for UHF tuning and general frequency control and tuning.
This device is supplied in the SOD–323 plastic surface mount package for high
volume, pick and place assembly requirements, and is a member of the Motorola
microExecutive series.
• High Figure of Merit Q
• Guaranteed Capacitance Range
• Controlled and Uniform Tuning Ratio
• 0805 Footprint Compatible SOD–323 package
• Available in tape and reel
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Forward Current
IF
20
mAdc
Reverse Voltage
VR
15
Vdc
Junction Temperature
TJ
125
°C
Storage Temperature Range
Tstg
– 55 to +125
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Voltage
(IR = 1.0 µAdc)
VR
15
Vdc
Reverse Current
(VR = 15 Vdc)
IR
8.0
nAdc
Capacitance
(VR = 1 V, f = 1.0 MHz)
C1V
17.5
18.7
20
pF
Capacitance
(VR = 4 V, f = 1.0 MHz)
C4V
9.0
10.5
12.0
pF
Capacitance
(VR = 10 V, f = 1.0 MHz)
C10V
5.4
6.0
6.6
pF
Capacitance Ratio
C1V/10V
2.6
3.1
3.7
Series Resistance
(VR = 5.0 V, f = 470 MHz)
rs
0.27
0.5
W
Order this document
by MMVL535T1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MMVL535T1
CASE 477 – 02, STYLE 1
SOD – 323
1
2
15 VOLT
VOLTAGE VARIABLE
CAPACITANCE DIODE
1
Cathode
2
Anode
© Motorola, Inc. 1998
Replaces MMVL535


Similar Part No. - MMVL535T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1 Datasheet
55Kb / 4P
   VOLTAGE VARIABLE CAPACITANCE DIODE
January, 2000 ??Rev. 1
logo
Leshan Radio Company
MMVL105GT1 LRC-MMVL105GT1 Datasheet
52Kb / 2P
   Silicon Tuning Diode
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1 Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
MMVL105GT1G ONSEMI-MMVL105GT1G Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
MMVL105GT1 ONSEMI-MMVL105GT1_06 Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
More results

Similar Description - MMVL535T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMVL229AT1 ONSEMI-MMVL229AT1 Datasheet
74Kb / 4P
   15 VOLT VOLTAGE VARIABLE CAPACITANCE DIODE
1998
MMVL105GT1 ONSEMI-MMVL105GT1 Datasheet
55Kb / 4P
   VOLTAGE VARIABLE CAPACITANCE DIODE
January, 2000 ??Rev. 1
logo
NTE Electronics
NTE610 NTE-NTE610 Datasheet
19Kb / 2P
   Voltage Variable Capacitance Diode (Tuning Diode)
logo
NXP Semiconductors
BB202 NXP-BB202 Datasheet
227Kb / 6P
   Low-voltage variable capacitance diode
Rev. 02-3 January 2008
BB156 NXP-BB156_04 Datasheet
58Kb / 7P
   Low-voltage variable capacitance diode
2004 Mar 01
BB142 PHILIPS-BB142 Datasheet
44Kb / 8P
   Low-voltage variable capacitance diode
1999 May 12
BB156 PHILIPS-BB156 Datasheet
53Kb / 8P
   Low-voltage variable capacitance diode
1998 Aug 17
logo
Quanzhou Jinmei Electro...
BB202_N_2015 JMNIC-BB202_N_2015 Datasheet
234Kb / 6P
   Low-voltage variable capacitance diode
logo
NXP Semiconductors
BB145B PHILIPS-BB145B_15 Datasheet
137Kb / 7P
   Low-voltage variable capacitance diode
2004 Mar 29
logo
Quanzhou Jinmei Electro...
BB145B-01 JMNIC-BB145B-01_15 Datasheet
59Kb / 6P
   Low-voltage variable capacitance diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com