Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6SU-2 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # G6SU-2
Description  Low Signal Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6SU-2 Datasheet(HTML) 8 Page - Omron Electronics LLC

  G6SU-2 Datasheet HTML 1Page - Omron Electronics LLC G6SU-2 Datasheet HTML 2Page - Omron Electronics LLC G6SU-2 Datasheet HTML 3Page - Omron Electronics LLC G6SU-2 Datasheet HTML 4Page - Omron Electronics LLC G6SU-2 Datasheet HTML 5Page - Omron Electronics LLC G6SU-2 Datasheet HTML 6Page - Omron Electronics LLC G6SU-2 Datasheet HTML 7Page - Omron Electronics LLC G6SU-2 Datasheet HTML 8Page - Omron Electronics LLC G6SU-2 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
G6S
G6S
Note:
1. Coplanarity is 0.1 mm max.
2.
and
indicate mounting orientation marks.
MADE
IN
JAPAN
MADE
IN
JAPAN
9 5 °
_
+
S
_
+
R
_
+
S
_
+
R
MADE
IN
JAPAN
95°
G6SK-2F,
G6SK-2F-H
Mounting pads
(Top view)
Terminal arrangement/
Internal connections
(Top view)
s
DUAL COIL LATCHING
Orientation mark
1
3
4
5 6
.65
(.026)
2.54
(.10)
5.08
(.20)
1.0
(.039)
8.0
(.315)
2.2
(.087)
14.8
±0.2
(.583) max.
7.3
±0.2
(.287) max.
2.54
(.10)
9.2
±0.2
(.362)
max.
.50
(.019)
5.08
(.20)
2.54
(.10)
12
10
9 8
7
0.25
(.01)
2.54
(.10)
2.54
(.10)
Orientation mark
9.2
±0.2
(.362)
max.
.65
(.026)
2.54
(.10)
5.08
(.20)
2.2
(.087)
6.1
(.24)
1.0
(.039)
14.8
±0.2
(.583) max.
7.3
±0.2
(.287) max.
2.54
(.10)
12
10 9 8 7
1
3
4
5 6
0.25
(.01)
2.54
(.10)
2.54
(.10)
2.54
(.10)
.50
(.019)
5.08
(.20)
1.25
±0.2
(.05)
9.2 +0.5
-0.3
1.25
±0.2
(.05)
4.9 +0.3
-0.5
G6SK-2G,
G6SK-2G-H
Mounting pads
(Top view)
Terminal arrangement/
Internal connections
(Top view)
Orientation mark
9.2
±0.2
(.362)
max.
.65
(.026)
2.54
(.10)
5.08
(.20)
12..7
±0.1
1.0
(.039)
14.8
±0.2
(.583) max.
7.3
±0.2
(.287) max.
2.54
(.10)
12
10 9 8
7
1
3
4
5 6
0.25
(.01)
2.54
(.10)
2.54
(.10)
2.54
(.10)
.50
(.019)
5.08
(.20)
G6SK-2,
G6SK-2-H
Mounting holes
(Bottom view)
Terminal arrangement/
Internal connections
(Bottom view)
5.08
(.20)
123456
123456
123456
+
S
-
1.11
(.04)
Unit: mm (inch)
10 - ø 1 dia.
holes
+
R
-


Similar Part No. - G6SU-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6SU-2 OMRON-G6SU-2 Datasheet
781Kb / 12P
   Low Signal Relay
G6SU-2 OMRON-G6SU-2 Datasheet
781Kb / 12P
   Low Signal Relay
G6SU-2 OMRON-G6SU-2 Datasheet
765Kb / 12P
   Low Signal Relay
G6SU-2 OMRON-G6SU-2 Datasheet
749Kb / 12P
   Suface Mount DPDT Relay
G6SU-2 OMRON-G6SU-2 Datasheet
749Kb / 12P
   Low Signal Relay
More results

Similar Description - G6SU-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Y-1 OMRON-G5Y-1 Datasheet
171Kb / 8P
   Low Signal Relay
G6E OMRON-G6E Datasheet
541Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G5A-237P-DC12 OMRON-G5A-237P-DC12 Datasheet
225Kb / 8P
   Low Signal Relay
G6S OMRON-G6S_10 Datasheet
781Kb / 12P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
G6K OMRON-G6K_1 Datasheet
1Mb / 12P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com