Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6S-2F-XXX Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G6S-2F-XXX
Description  Low Signal Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6S-2F-XXX Datasheet(HTML) 1 Page - Omron Electronics LLC

  G6S-2F-XXX Datasheet HTML 1Page - Omron Electronics LLC G6S-2F-XXX Datasheet HTML 2Page - Omron Electronics LLC G6S-2F-XXX Datasheet HTML 3Page - Omron Electronics LLC G6S-2F-XXX Datasheet HTML 4Page - Omron Electronics LLC G6S-2F-XXX Datasheet HTML 5Page - Omron Electronics LLC G6S-2F-XXX Datasheet HTML 6Page - Omron Electronics LLC G6S-2F-XXX Datasheet HTML 7Page - Omron Electronics LLC G6S-2F-XXX Datasheet HTML 8Page - Omron Electronics LLC G6S-2F-XXX Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
s
Third generation surface mount design
s
Design is based on worldwide telecom-
munications, data communications,
computer peripheral and office automa-
tion relay requirements
s
High dielectric withstand voltage of 2,000
VAC between coil and contacts (stan-
dard type)
s
Meets 2.5kV Bellcore surge requirement
s
Offers significant board space savings
s
European version certified for EN60950/
EN41003 Supplementary Insulation at
250 V
s
Available in PCB through-hole terminal
configuration
s
Tape and reel packaging option available
Low Signal Relay
G6S
Ordering Information
Part number
High-sensitivity
Terminal
Contact form
Non-latching
Single coil latching
Dual coil latching
dual coil latching
Gull-wing
DPDT
G6S-2F
G6SU-2F
G6SK-2F
G6SK-2F-H
Inside “L”
DPDT
G6S-2G
G6SU-2G
G6SK-2G
G6SK-2G-H
PCB through-hole
DPDT
G6S-2
G6SU-2
G6SK-2
G6SK-2-H
To Order: Select the part number and add the desired coil voltage rating, (e.g., G6S-2F-
DC12).
s STANDARD VERSION
Part number
Terminal
Contact form
Non-latching
Gull-wing
DPDT
G6S-2F-Y
Inside “L”
DPDT
G6S-2G-Y
PCB through-hole
DPDT
G6S-2-Y
s EUROPEAN VERSION
Certified for EN60950/EN41003 Supplementaty Insulation at 250 V


Similar Part No. - G6S-2F-XXX

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6S-2F-DC12 OMRON-G6S-2F-DC12 Datasheet
1Mb / 8P
   Surface-mounting, double-pole signal switching Relay, with terminals jutting out from both sides of the case
G6S-2F-TR OMRON-G6S-2F-TR Datasheet
1Mb / 9P
   Compact, Industry-Standard 2-pole relay, designed to switch 2A Signal Loads.
G6S-2F-TR-DC5 OMRON-G6S-2F-TR-DC5 Datasheet
765Kb / 12P
   Low Signal Relay
G6S-2F-Y OMRON-G6S-2F-Y Datasheet
781Kb / 12P
   Low Signal Relay
G6S-2F-Y OMRON-G6S-2F-Y Datasheet
781Kb / 12P
   Low Signal Relay
More results

Similar Description - G6S-2F-XXX

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Y-1 OMRON-G5Y-1 Datasheet
171Kb / 8P
   Low Signal Relay
G6E OMRON-G6E Datasheet
541Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G5A-237P-DC12 OMRON-G5A-237P-DC12 Datasheet
225Kb / 8P
   Low Signal Relay
G6S OMRON-G6S_10 Datasheet
781Kb / 12P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
G6K OMRON-G6K_1 Datasheet
1Mb / 12P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com