Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2701 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV2701
Description  Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2701 Datasheet(HTML) 2 Page - Supertex, Inc

  HV2701 Datasheet HTML 1Page - Supertex, Inc HV2701 Datasheet HTML 2Page - Supertex, Inc HV2701 Datasheet HTML 3Page - Supertex, Inc HV2701 Datasheet HTML 4Page - Supertex, Inc HV2701 Datasheet HTML 5Page - Supertex, Inc HV2701 Datasheet HTML 6Page - Supertex, Inc HV2701 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
NR102405
HV2701
Ordering Information
DEVICE
Package Options
48-Lead TQFP (1.4mm)
HV2701
HV2701FG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
V
DD Logic supply
-0.5V to +7V
V
PP-VNN differential supply
220V
V
PP Positive supply
-0.5V to V
NN+200V
V
NN Negative supply
+0.5V to -200V
Logic input voltage
-0.5V to V
DD +0.3V
Analog signal range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65°C to 150°C
Power dissipation
1W
*Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. Continuous operation of the device at the
absolute rating level may affect device reliability. All voltages are referenced to device ground.
Operation Conditions
Symbol
Parameter
Value
V
DD
Logic power supply voltage
3.0V to 5.5V
V
PP
Positive high voltage supply
40V to V
NN +200V
V
NN
Negative high voltage supply
-40V to –160V
V
IH
High level input voltage
0.9V
DD to VDD
V
IL
Low level input voltage
0V to 0.1V
DD
V
SIG
Analog signal voltage peak-to-peak
V
NN+10V to VPP-10V
T
A
Operating free air temperature
0°C to 70°C
Notes:
1 Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last.
2 V
SIG must be within VNN and VPP or floating during power up/down transition.
3 Rise and fall times of power supplies V
DD, VPP, and VNN should not be less than 1.0msec.


Similar Part No. - HV2701

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2701 SUTEX-HV2701 Datasheet
714Kb / 8P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
logo
Microchip Technology
HV2701 MICROCHIP-HV2701 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2701BD-G-M931 MICROCHIP-HV2701BD-G-M931 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2701BD-G-M936 MICROCHIP-HV2701BD-G-M936 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2701BD-M936 MICROCHIP-HV2701BD-M936 Datasheet
364Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
07/14/15
More results

Similar Description - HV2701

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2701 SUTEX-HV2701_07 Datasheet
714Kb / 8P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2901 SUTEX-HV2901 Datasheet
689Kb / 9P
   Low Charge Injection 32-Channel High Voltage Analog Switch with Bleed Resistors
HV2761 SUTEX-HV2761 Datasheet
764Kb / 8P
   Low Charge Injection, 24-Channel, High Voltage Analog Switch with Bleed Resistors
HV232 SUTEX-HV232 Datasheet
100Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2303 SUTEX-HV2303 Datasheet
851Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301 Datasheet
340Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301_11 Datasheet
815Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2321 SUTEX-HV2321_11 Datasheet
680Kb / 8P
   Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV232 SUTEX-HV232_13 Datasheet
567Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com