Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2701 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV2701
Description  Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2701 Datasheet(HTML) 4 Page - Supertex, Inc

  HV2701 Datasheet HTML 1Page - Supertex, Inc HV2701 Datasheet HTML 2Page - Supertex, Inc HV2701 Datasheet HTML 3Page - Supertex, Inc HV2701 Datasheet HTML 4Page - Supertex, Inc HV2701 Datasheet HTML 5Page - Supertex, Inc HV2701 Datasheet HTML 6Page - Supertex, Inc HV2701 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
NR102405
HV2701
AC Electrical Characteristics
(over recommended operating conditions, V
DD= 5.0V, tR= tF ≤ 5ns, 50% duty cycle, CLOAD= 20pF unless otherwise noted)
Sym
Parameter
0°C
+25°C
+70°C
Units
Conditions
Min
Max
Min
Typ
Max
Min
Max
t
SD
Set Up Time Before LE
Rises
25
25
25
ns
t
WLE
Time Width of LE
56
56
56
ns
V
DD = 3.0V
12
12
12
V
DD = 5.0V
t
DO
Clock Delay Time to Data
Out
50
100
50
78
100
50
100
ns
V
DD = 3.0V
15
40
15
30
40
15
40
V
DD= 5.0V
t
WCL
Time Width of CL
55
55
55
ns
t
SU
Set Up Time Data to Clock
21
21
21
ns
V
DD= 3.0V
77
7
V
DD= 5.0V
t
H
Hold Time Data from
Clock
22
2
ns
V
DD= 3.0 or 5.0V
f
CLK
Clock Frequency
88
8
MHz
V
DD= 3.0V
20
20
20
V
DD= 5.0V
t
R,tF
Clock Rise and Fall Times
50
50
50
ns
T
ON
Turn ON Time*
5.0
5.0
5.0
µs
V
SIG = VPP-10V, RLOAD = 10KΩ
T
OFF
Turn OFF Time*
5.0
5.0
5.0
µs
V
SIG = VPP-10V, RLOAD = 10KΩ
dv/dt
Maximum V
SIG Slew Rate
20
20
20
v/ns
V
PP = +40V, VNN = -160V
20
20
20
V
PP = +100V, VNN = -100V
20
20
20
V
PP = +160V, VNN = -40V
K
O
Off Isolation*
-30
-30
-33
-30
dB
f = 5.0MHz, 1KΩ//15pF load
-58
-58
-58
f = 5.0MHz, 50Ω load
K
CR
Switch Crosstalk*
-60
-60
-70
-60
dB
f = 5.0MHz, 50Ω load
I
ID
Output Switch Isolation
Diode Current
300
300
300
mA
300ns pulse width,
2.0% duty cycle
C
SG(OFF)
Off Capacitance SW to
GND
5.0
17
5.0
12
17
5.0
17
pF
0V, f = 1.0MHz
C
SG(ON)
On Capacitance SW to
GND
25
50
25
38
50
25
50
pF
0V, f = 1.0MHz
+V
SPK
Output Voltage Spike*
150
mV
V
PP = +40V, VNN = -160V,
R
LOAD = 50ohm
-V
SPK
+V
SPK
150
V
PP = +100V, VNN = -100V,
R
LOAD = 50ohm
-V
SPK
+V
SPK
150
V
PP = +160V, VNN = -40V,
R
LOAD = 50ohm
-V
SPK
QC
Charge Injection*
820
pC
V
PP= +40V, VNN= -160V,
V
SIG= 0V
600
V
PP= +100V, VNN= -100V,
V
SIG= 0V
350
V
PP= +160V, VNN= -40V,
V
SIG= 0V
* See Test Circuits on page 5


Similar Part No. - HV2701

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2701 SUTEX-HV2701 Datasheet
714Kb / 8P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
logo
Microchip Technology
HV2701 MICROCHIP-HV2701 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2701BD-G-M931 MICROCHIP-HV2701BD-G-M931 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2701BD-G-M936 MICROCHIP-HV2701BD-G-M936 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2701BD-M936 MICROCHIP-HV2701BD-M936 Datasheet
364Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
07/14/15
More results

Similar Description - HV2701

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2701 SUTEX-HV2701_07 Datasheet
714Kb / 8P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2901 SUTEX-HV2901 Datasheet
689Kb / 9P
   Low Charge Injection 32-Channel High Voltage Analog Switch with Bleed Resistors
HV2761 SUTEX-HV2761 Datasheet
764Kb / 8P
   Low Charge Injection, 24-Channel, High Voltage Analog Switch with Bleed Resistors
HV232 SUTEX-HV232 Datasheet
100Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2303 SUTEX-HV2303 Datasheet
851Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301 Datasheet
340Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301_11 Datasheet
815Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2321 SUTEX-HV2321_11 Datasheet
680Kb / 8P
   Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV232 SUTEX-HV232_13 Datasheet
567Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com