Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C056T102K5BX5CA Datasheet(PDF) 10 Page - Kemet Corporation

Part # C056T102K5BX5CA
Description  MILITARY SPECIFCATIONS ON BACK
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C056T102K5BX5CA Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C056T102K5BX5CA Datasheet HTML 6Page - Kemet Corporation C056T102K5BX5CA Datasheet HTML 7Page - Kemet Corporation C056T102K5BX5CA Datasheet HTML 8Page - Kemet Corporation C056T102K5BX5CA Datasheet HTML 9Page - Kemet Corporation C056T102K5BX5CA Datasheet HTML 10Page - Kemet Corporation C056T102K5BX5CA Datasheet HTML 11Page - Kemet Corporation C056T102K5BX5CA Datasheet HTML 12Page - Kemet Corporation C056T102K5BX5CA Datasheet HTML 13Page - Kemet Corporation C056T102K5BX5CA Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
10
KEMET
®
KEMET
CAPACITANCE
PART NUMBER
100 VOLT — C31X SIZE
120 pF
C31(1)C121(3)1G5CA
150 pF
C31(1)C151(3)1G5CA
180 pF
C31(1)C181(3)1G5CA
220 pF
C31(1)C221(3)1G5CA
270 pF
C31(1)C271(3)1G5CA
330 pF
C31(1)C331(3)1G5CA
390 pF
C31(1)C391(3)1G5CA
470 pF
C31(1)C471(3)1G5CA
560 pF
C31(1)C561(3)1G5CA
680 pF
C31(1)C681(3)1G5CA
820 pF
C31(1)C821(3)1G5CA
1,000 pF
C31(1)C102(3)1G5CA
100 VOLT — C32X SIZE
680 pF
C32(2)C681(3)1G5CA
820 pF
C32(2)C821(3)1G5CA
1,000 pF
C32(2)C102(3)1G5CA
1,200 pF
C32(2)C122(3)1G5CA
1,500 pF
C32(2)C152(3)1G5CA
1,800 pF
C32(2)C182(3)1G5CA
2,200 pF
C32(2)C222(3)1G5CA
2,700 pF
C32(2)C272(3)1G5CA
3,300 pF
C32(2)C332(3)1G5CA
3,900 pF
C32(2)C392(3)1G5CA
4,700 pF
C32(2)C472(3)1G5CA
5,600 pF
C32(2)C562(3)1G5CA
100 VOLT — C33X SIZE
3,300 pF
C33(4)C332(3)1G5CA
3,900 pF
C33(4)C392(3)1G5CA
4,700 pF
C33(4)C472(3)1G5CA
5,600 pF
C33(4)C562(3)1G5CA
6,800 pF
C33(4)C682(3)1G5CA
8,200 pF
C33(4)C822(3)1G5CA
.01 µF
C33(4)C103(3)1G5CA
.012 µF
C33(4)C123(3)1G5CA
.015 µF
C33(4)C153(3)1G5CA
.018 µF
C33(4)C183(3)1G5CA
.022 µF
C33(4)C223(3)1G5CA
.027 µF
C33(4)C273(3)1G5CA
100 VOLT — C340 SIZE
.027 µF
C340C273(3)1G5CA
.033 µF
C340C333(3)1G5CA
.039 µF
C340C393(3)1G5CA
.047 µF
C340C473(3)1G5CA
.056 µF
C340C563(3)1G5CA
.068 µF
C340C683(3)1G5CA
100 VOLT — C350 SIZE
.039 µF
C350C393(3)1G5CA
.047 µF
C350C473(3)1G5CA
.056 µF
C350C563(3)1G5CA
.068 µF
C350C683(3)1G5CA
.082 µF
C350C823(3)1G5CA
.1 µF
C350C104(3)1G5CA
.12 µF
C350C124(3)1G5CA
CERAMIC CONFORMALLY COATED/RADIAL
“GOLDEN MAX”
RATINGS & PART NUMBER REFERENCE: ULTRA-STABLE TEMPERATURE CHARACTERISTICS — C0G
CAPACITOR MARKINGS
KEMET
CAPACITANCE
PART NUMBER
200 VOLT — C31X SIZE
1.0 pF
C31(1)C109(3)2G5CA
1.5 pF
C31(1)C159(3)2G5CA
2.2 pF
C31(1)C229(3)2G5CA
2.7 pF
C31(1)C279(3)2G5CA
3.3 pF
C31(1)C339(3)2G5CA
3.9 pF
C31(1)C399(3)2G5CA
4.7 pF
C31(1)C479(3)2G5CA
5.6 pF
C31(1)C569(3)2G5CA
6.8 pF
C31(1)C689(3)2G5CA
8.2 pF
C31(1)C829(3)2G5CA
10 pF
C31(1)C100(3)2G5CA
12 pF
C31(1)C120(3)2G5CA
15 pF
C31(1)C150(3)2G5CA
18 pF
C31(1)C180(3)2G5CA
22 pF
C31(1)C220(3)2G5CA
27 pF
C31(1)C270(3)2G5CA
33 pF
C31(1)C330(3)2G5CA
39 pF
C31(1)C390(3)2G5CA
47 pF
C31(1)C470(3)2G5CA
56 pF
C31(1)C560(3)2G5CA
68 pF
C31(1)C680(3)2G5CA
82 pF
C31(1)C820(3)2G5CA
100 pF
C31(1)C101(3)2G5CA
120 pF
C31(1)C121(3)2G5CA
150 pF
C31(1)C151(3)2G5CA
180 pF
C31(1)C181(3)2G5CA
220 pF
C31(1)C221(3)2G5CA
270 pF
C31(1)C271(3)2G5CA
330 pF
C31(1)C331(3)2G5CA
390 pF
C31(1)C391(3)2G5CA
470 pF
C31(1)C471(3)2G5CA
200 VOLT — C32X SIZE
1.0 pF
C32(2)C109(3)2G5CA
1.5 pF
C32(2)C159(3)2G5CA
2.2 pF
C32(2)C229(3)2G5CA
2.7 pF
C32(2)C279(3)2G5CA
3.3 pF
C32(2)C339(3)2G5CA
3.9 pF
C32(2)C399(3)2G5CA
4.7 pF
C32(2)C479(3)2G5CA
5.6 pF
C32(2)C569(3)2G5CA
6.8 pF
C32(2)C689(3)2G5CA
8.2 pF
C32(2)C829(3)2G5CA
10 pF
C32(2)C100(3)2G5CA
12 pF
C32(2)C120(3)2G5CA
15 pF
C32(2)C150(3)2G5CA
18 pF
C32(2)C180(3)2G5CA
22 pF
C32(2)C220(3)2G5CA
27 pF
C32(2)C270(3)2G5CA
33 pF
C32(2)C330(3)2G5CA
39 pF
C32(2)C390(3)2G5CA
KEMET
CAPACITANCE
PART NUMBER
200 VOLT — C32X SIZE (Cont’d)
47 pF
C32(2)C470(3)2G5CA
56 pF
C32(2)C560(3)2G5CA
68 pF
C32(2)C680(3)2G5CA
82 pF
C32(2)C820(3)2G5CA
100 pF
C32(2)C101(3)2G5CA
120 pF
C32(2)C121(3)2G5CA
150 pF
C32(2)C151(3)2G5CA
180 pF
C32(2)C181(3)2G5CA
220 pF
C32(2)C221(3)2G5CA
270 pF
C32(2)C271(3)2G5CA
330 pF
C32(2)C331(3)2G5CA
390 pF
C32(2)C391(3)2G5CA
470 pF
C32(2)C471(3)2G5CA
560 pF
C32(2)C561(3)2G5CA
680 pF
C32(2)C681(3)2G5CA
820 pF
C32(2)C821(3)2G5CA
1,000 pF
C32(2)C102(3)2G5CA
1,200 pF
C32(2)C122(3)2G5CA
1,500 pF
C32(2)C152(3)2G5CA
1,800 pF
C32(2)C182(3)2G5CA
2,200 pF
C32(2)C222(3)2G5CA
2,700 pF
C32(2)C272(3)2G5CA
3,300 pF
C32(2)C332(3)2G5CA
200 VOLT — C33X SIZE
2,700 pF
C33(4)C272(3)2G5CA
3,300 pF
C33(4)C332(3)2G5CA
3,900 pF
C33(4)C392(3)2G5CA
4,700 pF
C33(4)C472(3)2G5CA
5,600 pF
C33(4)C562(3)2G5CA
6,800 pF
C33(4)C682(3)2G5CA
8,200 pF
C33(4)C822(3)2G5CA
.01 µF
C33(4)C103(3)2G5CA
.012 µF
C33(4)C123(3)2G5CA
.015 µF
C33(4)C153(3)2G5CA
.018 µF
C33(4)C183(3)2G5CA
200 VOLT — C340 SIZE
.018 µF
C340C183(3)2G5CA
.022 µF
C340C223(3)2G5CA
.027 µF
C340C273(3)2G5CA
.033 µF
C340C333(3)2G5CA
.039 µF
C340C393(3)2G5CA
.047 µF
C340C473(3)2G5CA
200 VOLT — C350 SIZE
.039 µF
C350C393(3)2G5CA
.047 µF
C350C473(3)2G5CA
.056 µF
C350C563(3)2G5CA
.068 µF
C350C683(3)2G5CA
NOTES: (1) Case Sizes C315/C317 are identical electrically, but differ in lead spacing. See table of dimensions. Insert the appropriate symbol, “5” or “7” in the part number.
(2) Case Sizes C320/C322/C323 are identical electrically. See table of dimensions. Insert the appropriate symbol, “0” or “2” or “3” in the part number.
(3) Insert proper symbol for capacitance tolerance as follows:
1.0 pF – 8.2 pF: D – ± 0.5pF
10 pF – 22 pF: J – ±5%, K – ±10%
27 pF – 47 pF: G – ±2%, J – ±5%, K – ±10%
56 pF and up: F – ±1%, G – ±2%, J – ±5%
(4) Case Sizes C330 and C333 are identical electrically. Insert the appropriate symbol “0” or “3” in the part number.
Manufacturer
(KEMET)
Rated Voltage
5 - 50 volts
1 - 100 volts
2 - 200 volts
Capacitance
Tolerance
Manufacturer
(KEMET)
Capacitance
& Tolerance
Dielectric
C0G
X7R
Z5U
Rated
Voltage
Capacitance
Code
Date Code
Front
K1K
Back
102
C31X & C32X Size
KX7R
105K
100V
0012
C340 & C350 Size
Rated Voltage
5 - 50 volts
1 - 100 volts
2 - 200 volts
Manufacturer
(KEMET)
Capacitance
Tolerance
Capacitance
Code
Dielectric
G - C0G
R - X7R
U - Z5U
K5U
104M
C33X Size
0988 Layout rev
8/9/2000 9:54 AM
Page 10


Similar Part No. - C056T102K5BX5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C056T100K2 KEMET-C056T100K2 Datasheet
54Kb / 1P
   Capacitor, ceramic, 10 pF, /-10 Tol, 200V, BX, Lead Spacing=0.2
C056T100K2X5CR7301 KEMET-C056T100K2X5CR7301 Datasheet
54Kb / 1P
   Capacitor, ceramic, 10 pF, /-10 Tol, 200V, BX, Lead Spacing=0.2
C056T103K1X5CS KEMET-C056T103K1X5CS Datasheet
54Kb / 1P
   Capacitor, Ceramic, 0.01 uF, /-10% Tol, 100 V, BX, Lead Spacing=0.2"||" "906078
Capacitor, Ceramic, 0.1 uF, +/-10% Tol, 50 V, BX,
C056T104K5X5CR KEMET-C056T104K5X5CR Datasheet
54Kb / 1P
   Capacitor, Ceramic, 0.1 uF, /-10% Tol, 50 V, BX, Lead Spacing=0.2"
8/09/2016
C056T104K5X5CS KEMET-C056T104K5X5CS Datasheet
54Kb / 1P
   Capacitor, Ceramic, 0.1 uF, /-10% Tol, 50 V, BX, Lead Spacing=0.2"
8/09/2016
More results

Similar Description - C056T102K5BX5CA

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
KBJ8A YEASHIN-KBJ8A Datasheet
428Kb / 2P
   TECHNICAL SPECIFCATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Taoglas antenna solutio...
FXR.07.A TAOGLAS-FXR.07.A Datasheet
3Mb / 10P
   Peel and stick 3M adhesive on back
logo
Microsemi Corporation
1N3611 MICROSEMI-1N3611 Datasheet
52Kb / 2P
   MILITARY RECTIFIERS
1N5615 MICROSEMI-1N5615 Datasheet
51Kb / 2P
   MILITARY RECTIFIERS
JAN1N3611 MICROSEMI-JAN1N3611 Datasheet
64Kb / 2P
   MILITARY RECTIFIERS
logo
ITT Industries
D20419-80 ITT-D20419-80 Datasheet
8Mb / 386P
   Military/Aerospace
logo
Microsemi Corporation
1N4245 MICROSEMI-1N4245 Datasheet
41Kb / 2P
   MILITARY RECTIFIERS
logo
Vishay Siliconix
MIL-PRF-83401 VISHAY-MIL-PRF-83401 Datasheet
502Kb / 2P
   MILITARY NETWORKS
logo
Pulse A Technitrol Comp...
T-330SCT PULSE-T-330SCT Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
logo
Microsemi Corporation
1N5614 MICROSEMI-1N5614 Datasheet
53Kb / 2P
   MILITARY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com