Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2134LT1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MMUN2134LT1
Description  PNP SILICON BIAS RESISTOR TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMUN2134LT1 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MMUN2134LT1 Datasheet HTML 3Page - ON Semiconductor MMUN2134LT1 Datasheet HTML 4Page - ON Semiconductor MMUN2134LT1 Datasheet HTML 5Page - ON Semiconductor MMUN2134LT1 Datasheet HTML 6Page - ON Semiconductor MMUN2134LT1 Datasheet HTML 7Page - ON Semiconductor MMUN2134LT1 Datasheet HTML 8Page - ON Semiconductor MMUN2134LT1 Datasheet HTML 9Page - ON Semiconductor MMUN2134LT1 Datasheet HTML 10Page - ON Semiconductor MMUN2134LT1 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MMUN2111LT1 Series
http://onsemi.com
7
TYPICAL ELECTRICAL CHARACTERISTICS
MMUN2114LT1
35
Vin, INPUT VOLTAGE (VOLTS)
10
1
0.1
010
20
30
40
50
100
10
1
02
4
6
8
10
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
0
2
4
6
8 1015 202530
4045 50
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 17. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
0
20
406080
Figure 18. DC Current Gain
Figure 19. Output Capacitance
Figure 20. Output Current versus Input Voltage
Figure 21. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
0.001
f = 1 MHz
lE = 0 V
TA = 25°C
LOAD
+12 V
Figure 22. Inexpensive, Unregulated Current Source
Typical Application
for PNP BRTs
TA =-25°C
75°C
25°C
TA = 75°C
25°C
-25°C
VO = 5 V
VO = 0.2 V
TA =-25°C
25°C
75°C
IC/IB = 10
1
10
100
IC, COLLECTOR CURRENT (mA)
-25°C
25°C
TA = 75°C
VCE = 10 V
180
160
140
120
100
80
60
40
20
0
2
4
6
8
1520 40 5060 708090


Similar Part No. - MMUN2134LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMUN2134LT1 MOTOROLA-MMUN2134LT1 Datasheet
267Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
Leshan Radio Company
MMUN2134LT1 LRC-MMUN2134LT1 Datasheet
145Kb / 7P
   Bias Resistor Transistors
logo
ON Semiconductor
MMUN2134LT1G ONSEMI-MMUN2134LT1G Datasheet
134Kb / 10P
   Digital Transistors (BRT) R1 = 22 k, R2 = 47 k
Septenber, 2012 ??Rev. 1
MMUN2134LT1G ONSEMI-MMUN2134LT1G Datasheet
142Kb / 11P
   Digital Transistors (BRT) R1 = 22 k, R2 = 47 k
October, 2013 ??Rev. 3
MMUN2134LT1G ONSEMI-MMUN2134LT1G Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
More results

Similar Description - MMUN2134LT1

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Motorola, Inc
MUN5111T1 MOTOROLA-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
DTA114EE WEITRON-DTA114EE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com