Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTX1N6488 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JANTX1N6488
Description  1.5 WATT ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX1N6488 Datasheet(HTML) 1 Page - Microsemi Corporation

  JANTX1N6488 Datasheet HTML 1Page - Microsemi Corporation JANTX1N6488 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESIGN DATA
CASE: Hermetically sealed, Glass “A”
Body per MIL-PRF- 19500/406
D-5A
LEAD MATERIAL: Copper clad steel
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJL): 42
°C/W maximum at L = .375
THERMAL IMPEDANCE: (ZOJX): 4.5
°C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: Any
FIGURE 1
0.060/0.085
1.52/2.16
0.125/0.160
3.18/4.06
0.800
20.32
0.028/0.032
0.71/0.81
POLARITY
BAND
(CATHODE)
71
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (781) 689-0803
WEBSITE: http://www.microsemi.com
ZENER
TEST
DYNAMIC
KNEE
TEST
REVERSE
TEST
MAXIMUM VZ (REG) MAXIMUM
VOLTAGE CURRENT IMPEDENCE IMPEDENCE CURRENT CURRENT VOLTAGE CURRENT
VZ
SURGE
TYPE
±5%
IZT
(MAX.)
(MAX.)
IZK
(MAX.)
VR
IZM
VZ
ZZT@IZT
ZZK@IZT
IR@VR
VOLTS
mA
OHMS
OHMS
mA
µ A
VOLTS
MA
VOLTS
AMPS
1N6485
3.3
76.0
10
400
1.0
50
1.0
433
.90
4.2
1N6486
3.6
69.0
10
400
1.0
50
1.0
397
.80
3.9
1N6487
3.9
64.0
9
400
1.0
35
1.0
366
.75
3.6
1N6488
4.3
58.0
9
400
1.0
5.0
1.0
332
.70
3.3
1N6489
4.7
53.0
8
500
1.0
4.0
1.0
304
.60
3.0
1N6490
5.1
49.0
7
500
1.0
1.0
1.0
280
.50
2.7
1N6491
5.6
45.0
5
600
1.0
0.5
2.0
255
.40
2.5
1N4460
6.2
40.0
4
200
1.0
10.0
3.72
230
.35
2.3
1N4461
6.8
37.0
2.5
200
1.0
5.0
4.08
210
.30
2.1
• AVAILABLE IN
JAN, JANTX, JANTXV, AND JANS
PER MIL-PRF-19500/406
• 1.5 WATT ZENER DIODES
• NON CAVITY CONSTRUCTION
• METALLURGICALLY BONDED
1N6485
THRU
1N6491
AND
1N4460
AND
1N4461
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +200°C
Power Dissapation: 1.5W @ TA=+25°C
Power Derating: 10mW/°C above TA=+25°C
Forward Voltage: 1.0 V dc @ IF=200mA dc
1.5 V dc @ IF=1A dc
NOTE: Zener voltage is measured with the device junction in thermal equilibrium at an
ambient temperature of 25
°C ± 3°C.


Similar Part No. - JANTX1N6488

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N6488 MICROSEMI-JANTX1N6488 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
JANTX1N6488US MICROSEMI-JANTX1N6488US Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
JANTX1N6488US MICROSEMI-JANTX1N6488US Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
More results

Similar Description - JANTX1N6488

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS1N6490US MICROSEMI-JANS1N6490US Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
1N6485 CDI-DIODE-1N6485 Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5913B NJSEMI-1N5913B Datasheet
125Kb / 1P
   SILICON 1.5 WATT ZENER DIODES
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
1N5913BP MICROSEMI-1N5913BP Datasheet
226Kb / 3P
   Axial-Leaded 1.5 Watt Zener Diodes
1N5913BG MICROSEMI-1N5913BG Datasheet
227Kb / 3P
   Axial-Leaded 1.5 Watt Zener Diodes
logo
Micro Commercial Compon...
SMBJ5918B MCC-SMBJ5918B Datasheet
348Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
logo
Solid States Devices, I...
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com