Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS3638A Datasheet(PDF) 1 Page - ON Semiconductor

Part # MPS3638A
Description  Switching Transistor(PNP Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS3638A Datasheet(HTML) 1 Page - ON Semiconductor

  MPS3638A Datasheet HTML 1Page - ON Semiconductor MPS3638A Datasheet HTML 2Page - ON Semiconductor MPS3638A Datasheet HTML 3Page - ON Semiconductor MPS3638A Datasheet HTML 4Page - ON Semiconductor MPS3638A Datasheet HTML 5Page - ON Semiconductor MPS3638A Datasheet HTML 6Page - ON Semiconductor MPS3638A Datasheet HTML 7Page - ON Semiconductor MPS3638A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Switching Transistor
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
VCEO
–25
Vdc
Collector – Emitter Voltage
VCES
–25
Vdc
Collector – Base Voltage
VCBO
–25
Vdc
Emitter – Base Voltage
VEBO
–4.0
Vdc
Collector Current — Continuous
IC
–500
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA(1)
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = –100 mAdc, VBE = 0)
V(BR)CES
–25
Vdc
Collector – Emitter Sustaining Voltage(2)
(IC = –10 mAdc, IB = 0)
VCEO(sus)
–25
Vdc
Collector – Base Breakdown Voltage
(IC = –100 mAdc, IE = 0)
V(BR)CBO
–25
Vdc
Emitter – Base Breakdown Voltage
(IE = –100 mAdc, IC = 0)
V(BR)EBO
–4.0
Vdc
Collector Cutoff Current
(VCE = –15 Vdc, VBE = 0)
(VCE = –15 Vdc, VBE = 0, TA = –65°C)
ICES
–0.035
–2.0
mAdc
Emitter Cutoff Current
(VEB = –3.0 V, IC = 0)
IEBO
–35
nA
Base Current
(VCE = –15 Vdc, VBE = 0)
IB
–0.035
mAdc
1. RqJA is measured with the device soldered into a typical printed circuit board.
2. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 2.0%.
Order this document
by MPS3638A/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPS3638A
CASE 29–04, STYLE 1
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1997
COLLECTOR
3
2
BASE
1
EMITTER
(Replaces MPS3638/D)


Similar Part No. - MPS3638A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS3638A MOTOROLA-MPS3638A Datasheet
321Kb / 8P
   Switching Transistors
MPS3638A MOTOROLA-MPS3638A Datasheet
215Kb / 8P
   Switching Transistor
logo
Fairchild Semiconductor
MPS3638A FAIRCHILD-MPS3638A Datasheet
307Kb / 8P
   PNP Small Signal General Purpose Amplifiers & Switches
logo
SEMTECH ELECTRONICS LTD...
MPS3638A SEMTECH_ELEC-MPS3638A Datasheet
152Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Foshan Blue Rocket Elec...
MPS3638A FOSHAN-MPS3638A Datasheet
987Kb / 7P
   Silicon PNP transistor in a TO-92 Plastic Package
More results

Similar Description - MPS3638A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4403LT1 ONSEMI-MMBT4403LT1 Datasheet
147Kb / 8P
   Switching Transistor(PNP Silicon)
September, 2004 ??Rev. 3
logo
Siemens Semiconductor G...
SMBT4126 SIEMENS-SMBT4126 Datasheet
96Kb / 4P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT4403WT1 ONSEMI-MMBT4403WT1 Datasheet
177Kb / 6P
   Switching Transistor PNP Silicon
March, 2005 ??Rev. 2
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
141Kb / 7P
   PNP Silicon Switching Transistor
Jun-12-2002
logo
Zowie Technology Corpor...
MMBT4403GH ZOWIE-MMBT4403GH Datasheet
558Kb / 5P
   Switching Transistor PNP Silicon
logo
NTE Electronics
NTE106 NTE-NTE106 Datasheet
24Kb / 2P
   Silicon PNP Transistor Switching Transistor
logo
Microsemi Corporation
2N2907ADIE MICROSEMI-2N2907ADIE Datasheet
44Kb / 2P
   SWITCHING TRANSISTOR PNP SILICON
logo
Siemens Semiconductor G...
PZT3906 SIEMENS-PZT3906 Datasheet
119Kb / 5P
   PNP Silicon Switching Transistor
logo
Microsemi Corporation
2N3250A MICROSEMI-2N3250A Datasheet
58Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
logo
Siemens Semiconductor G...
SMBT2907A SIEMENS-SMBT2907A Datasheet
248Kb / 7P
   PNP Silicon Switching Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com