Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-S51Z-GK000 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HDSP-S51Z-GK000
Description  27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-S51Z-GK000 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HDSP-S51Z-GK000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-S51Z-GK000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-S51Z-GK000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-S51Z-GK000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-S51Z-GK000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-S51Z-GK000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-S51Z-GK000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDSP-S51Z-GK000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDSP-S51Z-GK000 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
GaP Green
Devices
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Unit
Iv
1.46
3.0
4.97
mcd
IFP = 40 mA,
(Digit Average)[1]
1/8 Duty Factor
Peak Wavelength
λpeak
568
nm
IF = 20 mA
Dominant Wavelength[2]
λd
573
nm
IF = 20 mA
Forward Voltage
VF
2.3
2.6
V
IF = 20 mA
Reverse Voltage[3]
VR
3.0
V
IR = 100 µA
Luminous Intensity
Iv-m
2:1
IFP = 40 mA,
Matching Ratio
1/8 Duty Factor
Optical/Electrical Characteristics at TA = 25°C
GaP Red
Devices
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Unit
Iv
0.97
1.5
3.3
mcd
IFP = 40 mA,
(Digit Average)[1]
1/8 Duty Factor
Peak Wavelength
λpeak
632
nm
IF = 20 mA
Dominant Wavelength[2]
λd
622
nm
IF = 20 mA
Forward Voltage
VF
2.1
2.6
V
IF = 20 mA
Reverse Voltage[3]
VR
3.0
V
IR = 100 µA
Luminous Intensity
Iv-m
2:1
IFP = 40 mA,
Matching Ratio
1/8 Duty Factor
S51E
S56E
B51Z
B56Z
S51G
S56G
B51Z
B56Z
Bi-Color
Devices
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminance/Unit
Iv
86.0
180.0
310.0
Cd/m2
IFP = 40 mA,
(Digit Average)[1]
1/8 Duty Factor
B51Z
B56Z
Notes:
1. The digits are categorized for luminance. The luminance category is designated by a letter on the side of the package.
2. The dominant wavelength,
λd, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device.
3. Typical specification for reference only. Do not exceed absolute maximum ratings.


Similar Part No. - HDSP-S51Z-GK000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S53E AVAGO-HDSP-S53E Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S53G AVAGO-HDSP-S53G Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S58E AVAGO-HDSP-S58E Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S58G AVAGO-HDSP-S58G Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
More results

Similar Description - HDSP-S51Z-GK000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-H571 HP-HDSP-H571 Datasheet
86Kb / 7P
   5 x 7 General Purpose Dot Matrix Displays 53.2 mm (2.09 Inch) Package
HDSP-B582 HP-HDSP-B582 Datasheet
94Kb / 8P
   53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S8XE AVAGO-HDSP-S8XE Datasheet
89Kb / 8P
   17.5 mm (0.69 inch) General Purpose 8 x 8 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-B58X HP-HDSP-B58X Datasheet
281Kb / 8P
   53.3 mm (2.1 INCH) GENERAL PURPOSE 5 X 8 DOT MATRIX BI - COLOR ALPHANUMERIC DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B58X AVAGO-HDSP-B58X Datasheet
86Kb / 8P
   53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com