Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8ACC728N9-XE Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8ACC728N9-XE
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8ACC728N9-XE Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button COP8ACC728N9-XE Datasheet HTML 4Page - National Semiconductor (TI) COP8ACC728N9-XE Datasheet HTML 5Page - National Semiconductor (TI) COP8ACC728N9-XE Datasheet HTML 6Page - National Semiconductor (TI) COP8ACC728N9-XE Datasheet HTML 7Page - National Semiconductor (TI) COP8ACC728N9-XE Datasheet HTML 8Page - National Semiconductor (TI) COP8ACC728N9-XE Datasheet HTML 9Page - National Semiconductor (TI) COP8ACC728N9-XE Datasheet HTML 10Page - National Semiconductor (TI) COP8ACC728N9-XE Datasheet HTML 11Page - National Semiconductor (TI) COP8ACC728N9-XE Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Comparator AC and DC Characteristics
V
CC = 5V, −40˚C ≤ TA ≤ +85˚C
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage
0.4V < V
IN < VCC
−1.5V
10
25
mV
Input Common Mode Voltage Range (Note
17)
0.4
V
CC −1.5
V
Voltage Gain
300k
V/V
V
CC/2 Reference
4.0V < V
CC < 5.5V
0.5 V
CC
−0.04
0.5V
CC
0.5V
CC
+0.04
V
DC Supply Current
V
CC = 5.5V
250
µA
For Comparator (when enabled)
DC Supply Current
V
CC = 5.5V
50
80
µA
For V
CC/2 reference (when enabled)
DC Supply Current
V
CC = 5.5V
200
µA
For Constant Current Source (when enabled)
Constant Current Source
4.0V < V
CC < 5.5V
7
20
32
µA
Current Source Variation
4.0V < V
CC < 5.5V
2
µA
Temp = Constant
Current Source Enable Time
1.5
2
µs
Comparator Response Time
10 mV overdrive,
1
µs
100 pF load
Note 17: The device is capable of operating over a common mode voltage range of 0 to VCC − 1.5V, however increased offset voltage will be observed between
0V and 0.4V.
DS012865-4
FIGURE 4. MICROWIRE/PLUS Timing
www.national.com
8


Similar Part No. - COP8ACC728N9-XE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8ACC728N9-XE NSC-COP8ACC728N9-XE Datasheet
521Kb / 40P
   8-Bit CMOS OTP Microcontroller with 16k Memory and High Resolution A/D
More results

Similar Description - COP8ACC728N9-XE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8ACC5 NSC-COP8ACC5 Datasheet
526Kb / 41P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and High Resolution A/D
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
COP8SE NSC-COP8SE Datasheet
491Kb / 47P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
COP8ACC7 NSC-COP8ACC7 Datasheet
521Kb / 40P
   8-Bit CMOS OTP Microcontroller with 16k Memory and High Resolution A/D
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
COP87LXXCJ NSC-COP87LXXCJ Datasheet
347Kb / 28P
   8-Bit CMOS OTP Microcontrollers with 4k or 32k Memory and Comparator
COP87L88GD NSC-COP87L88GD Datasheet
422Kb / 39P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory and 8-Channel A/D with Prescaler
COP87L88EB NSC-COP87L88EB Datasheet
814Kb / 72P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory, CAN Interface, 8-Bit A/D, and USART
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
   8-Bit CMOS ROM Based Microcontrollers with 16k
COP87L88FH NSC-COP87L88FH Datasheet
487Kb / 45P
   8-Bit CMOS OTP Microcontrollers with 16k Memory,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com