Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8ACC520N8 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8ACC520N8
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8ACC520N8 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button COP8ACC520N8 Datasheet HTML 3Page - National Semiconductor (TI) COP8ACC520N8 Datasheet HTML 4Page - National Semiconductor (TI) COP8ACC520N8 Datasheet HTML 5Page - National Semiconductor (TI) COP8ACC520N8 Datasheet HTML 6Page - National Semiconductor (TI) COP8ACC520N8 Datasheet HTML 7Page - National Semiconductor (TI) COP8ACC520N8 Datasheet HTML 8Page - National Semiconductor (TI) COP8ACC520N8 Datasheet HTML 9Page - National Semiconductor (TI) COP8ACC520N8 Datasheet HTML 10Page - National Semiconductor (TI) COP8ACC520N8 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
DC Electrical Characteristics (Continued)
−40˚C
≤ T
A ≤ +85˚C unless otherwise specified [OTP Value]
Parameter
Conditions
Min
Typ
Max
Units
Input Capacitance
(Note 14)
7
pF
Load Capacitance on D2
(Note 14)
1000
pF
AC Electrical Characteristics
−40˚C
≤ T
A ≤ +85˚C unless otherwise specified [OTP Value]
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
C)
Crystal, Resonator
2.5V, [2.7V]
≤ V
CC < 4V
2.5
DC
µs
4V
≤ V
CC ≤ 5.5V
1.0
DC
µs
R/C Oscillator
2.5V, [2.7V]
≤ V
CC < 4V
7.5
DC
µs
4V
≤ V
CC < 5.5V
3.0
DC
µs
Inputs
t
SETUP
4V
≤ V
CC ≤ 5.5V
200
ns
2.5V, [2.7V]
≤ V
CC < 4V
500
ns
t
HOLD
4V
≤ V
CC ≤ 5.5V
60
ns
2.5V, [2.7V]
≤ V
CC < 4V
150
ns
Output Propagation Delay (Note 14)
R
L = 2.2k, CL = 100 pF
t
PD1,tPD0
SO, SK
4V
≤ V
CC ≤ 5.5V
0.7
µs
2.5V, [2.7V]
≤ V
CC < 4V
1.75
µs
All Others
4V
≤ V
CC ≤ 5.5V
1
µs
2.5V, [2.7V]
≤ V
CC < 4V
2.5
µs
MICROWIRE Setup Time (t
UWS) (Note 14)
V
CC ≥ 4V
20
ns
MICROWIRE Hold Time (t
UWH) (Note 14)
V
CC ≥ 4V
56
ns
MICROWIRE Output Propagation Delay (t
UPD)VCC ≥ 4V
220
ns
Input Pulse Width (Note 15)
Interrupt Input High Time
1
t
C
Interrupt Input Low Time
1
t
C
Timer 1, 2, 3 Input High Time
1
t
C
Timer 1, 2, 3 Input Low Time
1
t
C
Reset Pulse Width
1
µs
Note 10: Maximum rate of voltage change must be < 0.5 V/ms.
Note 11: Supply current is measured after running 2000 cycles with a square wave CKI input, CKO open, inputs at rails and outputs open.
Note 12: The HALT mode will stop CKI from oscillating in the RC and the Crystal configurations. Measurement of IDD HALT is done with device neither sourcing
or sinking current; with L, C, and G0–G5 programmed as low outputs and not driving a load; all outputs programmed low and not driving a load; all inputs tied to
VCC; clock monitor and comparator disabled. Parameter refers to HALT mode entered via setting bit 7 of the G Port data register. Part will pull up CKI during HALT
in crystal clock mode.
Note 13: Pins G6 and RESET are designed with a high voltage input network. These pins allow input voltages > VCC and the pins will have sink current to VCC
when biased at voltages greater than VCC (the pins do not have source current when biased at a voltage below VCC). The effective resistance to VCC is 750Ω
(typical). These two pins will not latch up. The voltage at the pins must be limited to less than 14V. WARNING: Voltages in excess of 14V will cause damage to
the pins. This warning excludes ESD transients.
Note 14: The output propagation delay is referenced to the end of the instruction cycle where the output change occurs.
Note 15: Parameter characterized but not tested.
Note 16: tC = Instruction Cycle Time.
www.national.com
7


Similar Part No. - COP8ACC520N8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8ACC520N8 NSC-COP8ACC520N8 Datasheet
526Kb / 41P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and High Resolution A/D
More results

Similar Description - COP8ACC520N8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8ACC5 NSC-COP8ACC5 Datasheet
526Kb / 41P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and High Resolution A/D
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
COP8SE NSC-COP8SE Datasheet
491Kb / 47P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
COP8ACC7 NSC-COP8ACC7 Datasheet
521Kb / 40P
   8-Bit CMOS OTP Microcontroller with 16k Memory and High Resolution A/D
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
COP87LXXCJ NSC-COP87LXXCJ Datasheet
347Kb / 28P
   8-Bit CMOS OTP Microcontrollers with 4k or 32k Memory and Comparator
COP87L88GD NSC-COP87L88GD Datasheet
422Kb / 39P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory and 8-Channel A/D with Prescaler
COP87L88EB NSC-COP87L88EB Datasheet
814Kb / 72P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory, CAN Interface, 8-Bit A/D, and USART
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
   8-Bit CMOS ROM Based Microcontrollers with 16k
COP87L88FH NSC-COP87L88FH Datasheet
487Kb / 45P
   8-Bit CMOS OTP Microcontrollers with 16k Memory,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com