Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61LV2568-10T Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part # IC61LV2568-10T
Description  256K x 8 Hight Speed SRAM with 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61LV2568-10T Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IC61LV2568-10T Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61LV2568-10T Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61LV2568-10T Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61LV2568-10T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61LV2568-10T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61LV2568-10T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61LV2568-10T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61LV2568-10T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61LV2568-10T Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IC61LV2568
2
Integrated Circuit Solution, Inc.
AHSR023-0A
09/12/2001
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution, Inc.
FEATURES
• High-speed access times:
— 8, 10, 12 and 15 ns
• High-preformance, lower-power CMOS process
• Multiple center power and ground pins for
greater noise immunity
• Easy memory expansion with
CE and OE
options
CE power-down
• CMOS power: 540 mW @ 10 ns
36 mW standby mode
• TTL compatible inputs and outputs
• Single 3.3V
± 10% power supply
• Packages available:
— 36-pin 400mil SOJ
— 44-pin TSOP-2
DESCRIPTION
The
ICSI IC61LV2568 is a very high-speed, low power,
262,144-word by 8-bit COMS static RAM. The IC61LV2568 is
fabricated using
ICSI's high-performance CMOS technology.
This highly reliable process coupled with innovative circuit
design techniques, yields higher preformance and low power
consumotion devices.
When
CE is HIGH (deselected), the device assumes a standby
mode at which the power dissipation can be reduced down to
36 mW (max.) with CMOS input levels.
The IC61LV2568 operates from a single 3.3V power supply and
all inputs are TTL-compatible.
The IC61LV2568 is available in 36-pin, 400mil SOJ and 44-pin
TSOP-2 package.
256K x 8 HIGH-SPEED CMOS STATIC RAM
FUNCTIONAL BLOCK DIAGRAM
A0-A17
CE
OE
WE
256K X 8
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7


Similar Part No. - IC61LV2568-10T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV256 ICSI-IC61LV256 Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10J ICSI-IC61LV256-10J Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10JG ICSI-IC61LV256-10JG Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10JI ICSI-IC61LV256-10JI Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10JIG ICSI-IC61LV256-10JIG Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
More results

Similar Description - IC61LV2568-10T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV256 ICSI-IC61LV256 Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV6416 ICSI-IC61LV6416 Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV12816 ICSI-IC61LV12816 Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
logo
Alliance Semiconductor ...
AS7C32096A ALSC-AS7C32096A Datasheet
194Kb / 9P
   3.3V 256K x 8 CMOS SRAM
AS7C33256NTD18B ALSC-AS7C33256NTD18B Datasheet
441Kb / 18P
   3.3V 256K x 8 Pipelined SRAM with NTD
logo
Lyontek Inc.
LY61L2568 LYONTEK-LY61L2568 Datasheet
152Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568 LYONTEK-LY61L2568_13 Datasheet
215Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568A LYONTEK-LY61L2568A_12 Datasheet
266Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY612568 LYONTEK-LY612568_13 Datasheet
213Kb / 11P
   5V 256K X 8 BIT HIGH SPEED CMOS SRAM
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com