Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAA05A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MAA05A
Description  Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MAA05A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MAA05A Datasheet HTML 1Page - National Semiconductor (TI) MAA05A Datasheet HTML 2Page - National Semiconductor (TI) MAA05A Datasheet HTML 3Page - National Semiconductor (TI) MAA05A Datasheet HTML 4Page - National Semiconductor (TI) MAA05A Datasheet HTML 5Page - National Semiconductor (TI) MAA05A Datasheet HTML 6Page - National Semiconductor (TI) MAA05A Datasheet HTML 7Page - National Semiconductor (TI) MAA05A Datasheet HTML 8Page - National Semiconductor (TI) MAA05A Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Typical Application
Full-Range Celsius (Centigrade) Temperature Sensor (−55˚C to +130˚C)
Operating from a Single Li-Ion Battery Cell
Output Voltage vs Temperature
20099902
V
O = (−3.88x10
−6xT2) + (−1.15x10−2xT) + 1.8639
where:
T is temperature, and VO is the measured output voltage of the LM20EP.
20099924
Temperature (T)
Typical V
O
+130˚C
+303 mV
+100˚C
+675 mV
+80˚C
+919 mV
+30˚C
+1515 mV
+25˚C
+1574 mV
0˚C
+1863.9 mV
−30˚C
+2205 mV
−40˚C
+2318 mV
−55˚C
+2485 mV
Connection Diagrams
SC70-5
micro SMD
20099901
Note:
-
GND (pin 2) may be grounded or left floating. For optimum thermal
conductivity to the pc board ground plane pin 2 should be grounded.
-
NC (pin 1) should be left floating or grounded. Other signal traces
should not be connected to this pin.
Top View
See NS Package Number MAA05A
20099932
Note:
-
Pin numbers are referenced to the package marking text orientation.
-
Reference JEDEC Registration MO-211, variation BA
-
The actual physical placement of package marking will vary slightly from
part to part. The package marking will designate the date code and will vary
considerably. Package marking does not correlate to device type in any way.
Top View
See NS Package Number BPA04DDC and TLA04ZZA
www.national.com
2


Similar Part No. - MAA05A

ManufacturerPart #DatasheetDescription
logo
Powerbox
MAA02 POWERBOX-MAA02 Datasheet
532Kb / 2P
   1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAA02003 POWERBOX-MAA02003 Datasheet
532Kb / 2P
   1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAA02006 POWERBOX-MAA02006 Datasheet
532Kb / 2P
   1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAA02009 POWERBOX-MAA02009 Datasheet
532Kb / 2P
   1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAA02012 POWERBOX-MAA02012 Datasheet
532Kb / 2P
   1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results

Similar Description - MAA05A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10UA, SC70, Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20 NSC-LM20 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM19 NSC-LM19 Datasheet
173Kb / 8P
   2.4V, 10uA, TO-92 Temperature Sensor
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20_07 Datasheet
156Kb / 16P
   Ultra-low current 2.4V precision analog temperature sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com