Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTU8B55EM Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MTU8B55EM
Description  EPROM-Based 8-Bit CMOS Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTU8B55EM Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MTU8B55EM Datasheet HTML 6Page - List of Unclassifed Manufacturers MTU8B55EM Datasheet HTML 7Page - List of Unclassifed Manufacturers MTU8B55EM Datasheet HTML 8Page - List of Unclassifed Manufacturers MTU8B55EM Datasheet HTML 9Page - List of Unclassifed Manufacturers MTU8B55EM Datasheet HTML 10Page - List of Unclassifed Manufacturers MTU8B55EM Datasheet HTML 11Page - List of Unclassifed Manufacturers MTU8B55EM Datasheet HTML 12Page - List of Unclassifed Manufacturers MTU8B55EM Datasheet HTML 13Page - List of Unclassifed Manufacturers MTU8B55EM Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Revision 1.2
- 10 -
24 October 2000
MTU8B54E/55E/56E/57E
MYSON
TECHNOLOGY
3.5 REAL TIME CLOCK (TIMER0) AND WATCHDOG TIMER
3.5.1 Timer0
Timer0 is an 8-bit timer/counter. The clock source of Timer0 can come from the internal clock or by an external
clock source presented at the T0CKI pin.
To select the internal clock source, bit 5 of the T0MODE register should be reset. In this mode, Timer0 will
increase by 1 in every instruction cycle (without prescaler).
To select the external clock source, bit 5 of the T0MODE register should be set. In this mode, Timer0 will
increase by 1 on every falling or rising edge of T0CKI pin is controlled by bit 4 of T0MODE register.
3.5.2 Watchdog Timer(WDT)
The Watchdog Timer is a free running on-chip RC oscillator. This RC oscillator is separated from the RC oscil-
lator of the OSCI pin. That means the WDT will keep running even when the oscillator driver is turned off, such
as in sleep mode. During normal operation or in sleep mode, a WDT time-out will cause the device reset and
the TO bit (bit 4 of STATUS register) will be cleared.
Without prescaler, the WDT time-out period is 18ms. This period can be increased by using the prescaler. The
division ratio of prescaler is up to 1:128. Thus, the longest time-out period is approximately 2.3s.
3.5.3 Prescaler
The 8-bit prescaler may be assigned to either the Timer0 or the WDT through the PSC bit (bit 3 of the
T0MODE register). Setting this bit assigns the prescaler to the WDT. Resetting this bit assigns the prescaler to
the Timer0. The PS2:PS0 bits determine the prescale ratio. When assigned to Timer0, the prescaler will be
cleared by instructions which write to Timer0 Register. A CLRWDT instruction will clear the WDT and pres-
caler when assigned to WDT. The prescaler can not be assigned to both the Timer0 and WDT simultaneously.
WDT
TE
T0CKI
WDT enable
M
U
X
FOSC/4
TS
MUX
MUX
PSC
0
1
1
0
8-bit prescaler
8-to-1 MUX
PS2:PS0
PSC
MUX
PSC
0
1
8 bits
Sync
2 cycles
1
0
Timer0
8 bits
Data Bus
WDT Time-Out


Similar Part No. - MTU8B55EM

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
MTU8V0063GS50 MTU-MTU8V0063GS50 Datasheet
430Kb / 4P
   GAS GENERATOR SET
MTU8V0071GS60 MTU-MTU8V0071GS60 Datasheet
441Kb / 4P
   GAS GENERATOR SET
MTU8V0183GS260 MTU-MTU8V0183GS260 Datasheet
625Kb / 4P
   GAS GENERATOR SET
MTU8V1600DS350 MTU-MTU8V1600DS350 Datasheet
411Kb / 4P
   DIESEL GENERATOR SET
MTU8V1600DS400 MTU-MTU8V1600DS400 Datasheet
918Kb / 5P
   DIESEL GENERATOR SET
More results

Similar Description - MTU8B55EM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16C62X MICROCHIP-PIC16C62X Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
   EPROM-Based 8-Bit CMOS Microcontroller Series
1996
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com