Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTU8B55EM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MTU8B55EM
Description  EPROM-Based 8-Bit CMOS Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTU8B55EM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MTU8B55EM Datasheet HTML 1Page - List of Unclassifed Manufacturers MTU8B55EM Datasheet HTML 2Page - List of Unclassifed Manufacturers MTU8B55EM Datasheet HTML 3Page - List of Unclassifed Manufacturers MTU8B55EM Datasheet HTML 4Page - List of Unclassifed Manufacturers MTU8B55EM Datasheet HTML 5Page - List of Unclassifed Manufacturers MTU8B55EM Datasheet HTML 6Page - List of Unclassifed Manufacturers MTU8B55EM Datasheet HTML 7Page - List of Unclassifed Manufacturers MTU8B55EM Datasheet HTML 8Page - List of Unclassifed Manufacturers MTU8B55EM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Revision 1.2
- 5 -
24 October 2000
MTU8B54E/55E/56E/57E
MYSON
TECHNOLOGY
3.1.5 FSR(File select register pointer): R4
Bit 0~4 are used to select up to 32 registers (address: 00h~1Fh) and Bit 5~6 are Bank Select (Bank0~3) in the
indirect addressing mode shown in Figure 2.
3.1.6 PORT A: R5
PA3:PA0, bi-directional I/O Register
3.1.7 PORT B: R6
PB7:PB0, bi-directional I/O Register
3.1.8 PORT C: R7
PB7:PB0, bi-directional I/O Register, and for MTU8B55E/57E only
3.1.9 T0MODE REGISTER: T0MODE is a write-only register and the content is listed in Table 2.
3.1.10 IOST (Control Port I/O Mode Register)
The IOST register is “write-only”
= 0, I/O pin in output mode;
= 1, I/O pin in input mode.
Bank 3
Bank 2
Bank 1
B7
B6
B5
B4
B3
B2
B1
B0
Indirect Addressing Mode
Location Select
Read 1
Bank Select
FIGURE 2. Data Memory Configuraion
00h
INAR
01h
Timer0
02h
PC
03h
STATUS
04h
FSR
05h
PORT A
06h
PORT B
07h
PORT C
08h
8 Bytes
SRAM
0Fh
Bank 0
SRAM
16 Bytes
10h
1Fh
30h
3Fh
50h
5Fh
70h
7Fh
Bank 0


Similar Part No. - MTU8B55EM

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
MTU8V0063GS50 MTU-MTU8V0063GS50 Datasheet
430Kb / 4P
   GAS GENERATOR SET
MTU8V0071GS60 MTU-MTU8V0071GS60 Datasheet
441Kb / 4P
   GAS GENERATOR SET
MTU8V0183GS260 MTU-MTU8V0183GS260 Datasheet
625Kb / 4P
   GAS GENERATOR SET
MTU8V1600DS350 MTU-MTU8V1600DS350 Datasheet
411Kb / 4P
   DIESEL GENERATOR SET
MTU8V1600DS400 MTU-MTU8V1600DS400 Datasheet
918Kb / 5P
   DIESEL GENERATOR SET
More results

Similar Description - MTU8B55EM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16C62X MICROCHIP-PIC16C62X Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
   EPROM-Based 8-Bit CMOS Microcontroller Series
1996
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com