Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V9099L12PFI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT70V9099L12PFI
Description  HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V9099L12PFI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT70V9099L12PFI Datasheet HTML 5Page - Integrated Device Technology IDT70V9099L12PFI Datasheet HTML 6Page - Integrated Device Technology IDT70V9099L12PFI Datasheet HTML 7Page - Integrated Device Technology IDT70V9099L12PFI Datasheet HTML 8Page - Integrated Device Technology IDT70V9099L12PFI Datasheet HTML 9Page - Integrated Device Technology IDT70V9099L12PFI Datasheet HTML 10Page - Integrated Device Technology IDT70V9099L12PFI Datasheet HTML 11Page - Integrated Device Technology IDT70V9099L12PFI Datasheet HTML 12Page - Integrated Device Technology IDT70V9099L12PFI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
6.42
IDT70V9199/099L
High-Speed 3.3V 128K x9/x8 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
9
Timing Waveform of Read Cycle for
Flow-Through Output (FT/PIPE"X" = VIL)(3,6)
Timing Waveform of Read Cycle for Pipelined Operation
(FT/PIPE"X" = VIH)(3,6)
An
An + 1
An + 2
An + 3
tCYC1
tCH1
tCL1
R/W
ADDRESS
DATAOUT
CE0
CLK
OE
tSC
tHC
tCD1
tCKLZ
Qn
Qn + 1
Qn + 2
tOHZ
tOLZ
tOE
tCKHZ
4859 drw 06
(1)
(1)
(1)
(1)
(2)
CE1
tSW tHW
tSA
tHA
tDC
tDC
(5)
tSC
tHC
..
An
An + 1
An + 2
An + 3
tCYC2
tCH2
tCL2
R/W
ADDRESS
CE0
CLK
CE1
(4)
DATAOUT
OE
tCD2
tCKLZ
Qn
Qn + 1
Qn + 2
tOHZ
tOLZ
tOE
4859 drw 07
(1)
(1)
(1)
(2)
tSC
tHC
tSW
tHW
tSA
tHA
tDC
tSC
tHC
(5)
(1 Latency)
(6)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2. OE is asynchronously controlled; all other inputs are synchronous to the rising clock edge.
3. ADS = VIL, CNTEN and CNTRST = VIH.
4. The output is disabled (High-Impedance state) by CE0 = VIH or CE1 = VIL following the next rising edge of the clock. Refer to Truth Table 1.
5. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK; numbers
are for reference use only.
6. 'X' here denotes Left or Right port. The diagram is with respect to that port.


Similar Part No. - IDT70V9099L12PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9079L12PF IDT-IDT70V9079L12PF Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9079L12PFI IDT-IDT70V9079L12PFI Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9079L15PF IDT-IDT70V9079L15PF Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9079L15PFI IDT-IDT70V9079L15PFI Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9079L6PF IDT-IDT70V9079L6PF Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V9099L12PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9199L IDT-IDT70V9199L_10 Datasheet
185Kb / 17P
   HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9199 RENESAS-70V9199 Datasheet
474Kb / 18P
   HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V9199 IDT-IDT70V9199_18 Datasheet
203Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S_18 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_18 Datasheet
208Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9179L IDT-IDT70V9179L Datasheet
204Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_18 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9169 IDT-IDT70V9169 Datasheet
205Kb / 16P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369L IDT-IDT70V9369L Datasheet
222Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L_15 Datasheet
686Kb / 16P
   HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com