Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTU8B57EM Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MTU8B57EM
Description  EPROM-Based 8-Bit CMOS Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTU8B57EM Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MTU8B57EM Datasheet HTML 4Page - List of Unclassifed Manufacturers MTU8B57EM Datasheet HTML 5Page - List of Unclassifed Manufacturers MTU8B57EM Datasheet HTML 6Page - List of Unclassifed Manufacturers MTU8B57EM Datasheet HTML 7Page - List of Unclassifed Manufacturers MTU8B57EM Datasheet HTML 8Page - List of Unclassifed Manufacturers MTU8B57EM Datasheet HTML 9Page - List of Unclassifed Manufacturers MTU8B57EM Datasheet HTML 10Page - List of Unclassifed Manufacturers MTU8B57EM Datasheet HTML 11Page - List of Unclassifed Manufacturers MTU8B57EM Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Revision 1.2
- 8 -
24 October 2000
MTU8B54E/55E/56E/57E
MYSON
TECHNOLOGY
3.3 I/O PORTS EQUIVALENT CIRCUIT
Note:
b : Bit position
WDT : Watchdog Timer
R : Register address
i : Immediate data
Acc : Accumulator
T0MODE : T0MODE register
PD : Power down flag
TO : Time overflow bit
IOST : I/O port status register
Z : Zero flag
C : Carry flag
DC : Digital carry flag
I : (i7i6i5i4i3i2i1i0)
R : (r6r5r4r3r2r1r0)
:Destination
If d is “0”, the result is stored in the Acc register.
If d is “1”, the result is stored back in register R.
Mnemonic
Operands
Description
Cycles
Instruction
Code
Status
Affected
DECR R, d
Decrement R
1
01 0110 drrr rrrr
Z
DECRSZ R, d
Decrement R, Skip if 0
1 or
2(skip)
01 0111 drrr rrrr
None
SUBAR R, d
Subtract Acc from R
1
01 1010 drrr rrrr
C, DC, Z
XORAR R, d
Exclusive OR Acc with R
1
01 1011 drrr rrrr
Z
ANDAR R, d
AND Acc with R
1
01 0100 drrr rrrr
Z
ADDAR R, d
Add Acc and R
1
01 0101 drrr rrrr
C, DC, Z
IORAR R, d
Inclusive OR Acc with R
1
01 1111 drrr rrrr
Z
d
0 1
,
[
]
IOST
Latch
D
CK
QB
Q
Data
Latch
D
CK
QB
Q
Acc Data
IOST R
Data Bus
WR Port
RD Port
I/O Pin
Note : 1. The IOST registers are “write-only” and set upon RESET.
2. If the IOST latch is “0”, the corresponding I/O pin is in output mode;
if the IOST latch is “1”, the corresponding I/O pin is in input mode.
VDD
VSS


Similar Part No. - MTU8B57EM

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
MTU8V0063GS50 MTU-MTU8V0063GS50 Datasheet
430Kb / 4P
   GAS GENERATOR SET
MTU8V0071GS60 MTU-MTU8V0071GS60 Datasheet
441Kb / 4P
   GAS GENERATOR SET
MTU8V0183GS260 MTU-MTU8V0183GS260 Datasheet
625Kb / 4P
   GAS GENERATOR SET
MTU8V1600DS350 MTU-MTU8V1600DS350 Datasheet
411Kb / 4P
   DIESEL GENERATOR SET
MTU8V1600DS400 MTU-MTU8V1600DS400 Datasheet
918Kb / 5P
   DIESEL GENERATOR SET
More results

Similar Description - MTU8B57EM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16C62X MICROCHIP-PIC16C62X Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
   EPROM-Based 8-Bit CMOS Microcontroller Series
1996
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com