Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT90820AP1 Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # MT90820AP1
Description  Large Digital Switch
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT90820AP1 Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button MT90820AP1 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT90820AP1 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT90820AP1 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT90820AP1 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT90820AP1 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT90820AP1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT90820AP1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT90820AP1 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT90820AP1 Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
MT90820
Data Sheet
6
Zarlink Semiconductor Inc.
Device Overview
The MT90820 Large Digital Switch is capable of switching up to 2,048
× 2,048 channels. The MT90820 is designed
to switch 64 kbit/s PCM or N x 64 kbit/s data. The device maintains frame integrity in data applications and
minimum throughput delay for voice applications on a per channel basis.
The serial input streams of the MT90820 can have a bit rate of 2.048, 4.096 or 8.192 Mbit/s and are arranged in
125
µs wide frames, which contain 32, 64 or 128 channels, respectively. The data rates on input and output
streams are identical.
By using Zarlink’s message mode capability, the microprocessor can access input and output time-slots on a per
channel basis. This feature is useful for transferring control and status information for external circuits or other ST-
BUS devices. The MT90820 automatically identifies the polarity of the frame synchronization input signal and
configures its serial streams to be compatible to either ST-BUS or GCI formats.
Two different microprocessor bus interfaces can be selected through the Input Mode pin (IM): Non-multiplexed or
Multiplexed. These interfaces provide compatibility with multiplexed and Motorola non-multiplexed buses.
The frame offset calibration function allows users to measure the frame offset delay using a frame evaluation pin
(FE). The input offset delay can be programmed for individual streams using internal frame input offset registers,
see Table 11.
The internal loopback allows the ST-BUS output data to be looped around to the ST-BUS inputs for diagnostic
purposes.
Functional Description
A functional Block Diagram of the MT90820 is shown in Figure 1.
Data and Connection Memory
For all data rates, the received serial data is converted to parallel format by internal serial-to-parallel converters and
stored sequentially in the data memory. Depending upon the selected operation programmed in the interface mode
select (IMS) register, the useable data memory may be as large as 2,048 bytes. The sequential addressing of the
data memory is performed by an internal counter, which is reset by the input 8 kHz frame pulse (F0i) to mark the
frame boundaries of the incoming serial data streams.
76
57
ODE
Output Drive Enable (Input): This is the output enable control for the STo0 to STo15
serial outputs. When ODE input is low and the OSB bit of the IMS register is low, STo0-
15 are in a high impedance state. If this input is high, the STo0-15 output drivers are
enabled. However, each channel may still be put into a high impedance state by using the
per channel control bit in the connection memory.
77 - 84
58-65
STo0 - 7
Data Stream Output 0 to 7 (Three-state Outputs): Serial data Output stream. These
streams have selectable data rates of 2.048, 4.096 or 8.192 Mb/s.
-1 - 4,
27 - 30,
51 - 54
77 - 80
NC
No connection.
Pin Description
Pin #
Name
Description
84
PLCC
100
MQFP


Similar Part No. - MT90820AP1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90820AP MITEL-MT90820AP Datasheet
69Kb / 10P
   CMOS ST-BUS??FAMILY Large Digital Switch (LDX)
More results

Similar Description - MT90820AP1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90823 MITEL-MT90823 Datasheet
150Kb / 34P
   3V Large Digital Switch
logo
Zarlink Semiconductor I...
MT90823AP ZARLINK-MT90823AP Datasheet
663Kb / 46P
   3V Large Digital Switch
logo
Mitel Networks Corporat...
MT90820 MITEL-MT90820 Datasheet
69Kb / 10P
   CMOS ST-BUS??FAMILY Large Digital Switch (LDX)
logo
Siemens Semiconductor G...
PEB2047 SIEMENS-PEB2047 Datasheet
297Kb / 50P
   Memory Time Switch Large MTSL
logo
Zarlink Semiconductor I...
MT8981D ZARLINK-MT8981D Datasheet
561Kb / 17P
   Digital Switch
logo
Siemens Semiconductor G...
PEB2447 SIEMENS-PEB2447 Datasheet
1Mb / 51P
   Memory Time Switch Extended Large MTSXL
logo
OPLINK Communications I...
OFMS-1XN OPLINK-OFMS-1XN Datasheet
278Kb / 2P
   Large Channel Count 1xN Switch Module
logo
A1 PROs co., Ltd.
IMP8980D A1PROS-IMP8980D Datasheet
142Kb / 14P
   PCM Digital Switch
logo
IMP, Inc
IMP8980D IMP-IMP8980D Datasheet
136Kb / 14P
   PCM Digital Switch
IMP8980D IMP-IMP8980D Datasheet
136Kb / 14P
   PCM Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com