Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV25616-15LQ Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61LV25616-15LQ
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV25616-15LQ Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61LV25616-15LQ Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV25616-15LQ Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV25616-15LQ Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV25616-15LQ Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV25616-15LQ Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV25616-15LQ Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV25616-15LQ Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV25616-15LQ Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV25616-15LQ Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. B
09/29/00
IS61LV25616
ISSI®
ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any
errors which may appear in this publication. © Copyright 2000, Integrated Silicon Solution, Inc.
FEATURES
• High-speed access time:
— 7, 8, 10, 12, and 15 ns
• CMOS low power operation
• Low stand-by power:
— Less than 5 mA (typ.) CMOS stand-by
• TTL compatible interface levels
• Single 3.3V power supply
• Fully static operation: no clock or refresh
required
• Three state outputs
• Data control for upper and lower bytes
• Industrial temperature available
256K x 16 HIGH SPEED ASYNCHRONOUS
CMOS STATIC RAM WITH 3.3V SUPPLY
DESCRIPTION
The
ISSI IS61LV25616 is a high-speed, 4,194,304-bit static
RAM organized as 262,144 words by 16 bits. It is fabricated
using
ISSI's high-performance CMOS technology. This highly
reliable process coupled with innovative circuit design tech-
niques, yields high-performance and low power consumption
devices.
When
CE is HIGH (deselected), the device assumes a standby
mode at which the power dissipation can be reduced down
with CMOS input levels.
Easy memory expansion is provided by using Chip Enable
and Output Enable inputs,
CE and OE. The active LOW Write
Enable (
WE) controls both writing and reading of the memory.A
data byte allows Upper Byte (
UB) and Lower Byte (LB) access.
The IS61LV25616 is packaged in the JEDEC standard
44-pin 400-mil SOJ, 44-pin TSOP Type II, 44-pin LQFP and
48-pin Mini BGA (8mm x 10mm).
FUNCTIONAL BLOCK DIAGRAM
A0-A17
CE
OE
WE
256K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB
AUGUST 2000


Similar Part No. - IS61LV25616-15LQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616-15LQ ISSI-IS61LV25616-15LQ Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616-15LQI ISSI-IS61LV25616-15LQI Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV25616-15LQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IC61LV25616 ICSI-IC61LV25616 Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com