Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS5179 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPS5179
Description  High Frequency Transistor(NPN Silicon)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS5179 Datasheet(HTML) 2 Page - ON Semiconductor

  MPS5179 Datasheet HTML 1Page - ON Semiconductor MPS5179 Datasheet HTML 2Page - ON Semiconductor MPS5179 Datasheet HTML 3Page - ON Semiconductor MPS5179 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPS5179
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product(1)
(IC = 5.0 mAdc, VCE = 6.0 Vdc, f = 100 MHz)
fT
900
2000
MHz
Collector–Base Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 to 1.0 MHz)
Ccb
1.0
pF
Small Signal Current Gain
(IC = 2.0 mAdc, VCE = 6.0 Vdc, f = 1.0 kHz)
hfe
25
300
Collector Base Time Constant
(IE = 2.0 mAdc, VCB = 6.0 Vdc, f = 31.9 MHz)
rb
′Cc
3.0
14
ps
Noise Figure (See Figure 1)
(IC = 1.5 mAdc, VCE = 6.0 Vdc, RS = 50 ohms, f = 200 MHz)
NF
5.0
dB
Common–Emitter Amplifier Power Gain (See Figure 1)
(VCE = 6.0 Vdc, IC = 5.0 mAdc, f = 200 MHz)
Gpe
15
dB
1. fT is defined as the frequency at which |hfe| extrapolates to unity.
DC
COMMON
TYPE
1N3195
TYPE
1N3195
1200
91
FROM 50
SOURCE
1.0 – 5.0
L3
EXTERNAL
SHIELD
L2
2.0 – 10
C7
TO 50
LOAD
2.0 – 10
C6
0.1
µF
0.001
µF
RFC
1.0
µH
0.1
µF
1200
+VCC
10 k
1200
–VEE
Cin
3.0 – 35
C2
2.0 – 10
L1
0.02
µF
Figure 1. 200 MHz Amplifier Power Gain
and Noise Figure Circuit
L1 1–3/4 Turns, #18 AWG, 0.5
″ L, 0.5″ Diameter
L2 2 Turns, #16 AWG, 0.5
″ L, 0.5″ Diameter
L3 2 Turns, #13 AWG, 0.25
″ L, 0.5″ Diameter (Position 1/4″ from L2)
Q


Similar Part No. - MPS5179

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
MPS5179 ZETEX-MPS5179 Datasheet
135Kb / 3P
   NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
logo
Samsung semiconductor
MPS5179 SAMSUNG-MPS5179 Datasheet
34Kb / 1P
   NPN (HIGH FREQUENCY TRANSISTOR)
logo
Fairchild Semiconductor
MPS5179 FAIRCHILD-MPS5179 Datasheet
51Kb / 4P
   NPN RF Transistor
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
Fairchild Semiconductor
MPS5179 FAIRCHILD-MPS5179 Datasheet
490Kb / 12P
   NPN RF Transistor
More results

Similar Description - MPS5179

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com