Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTB2-1A0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VTB2-1A0
Description  Miniature TCXOs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VTB2-1A0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VTB2-1A0 Datasheet HTML 1Page - List of Unclassifed Manufacturers VTB2-1A0 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VTB2-XXX Miniature TCXOs
Featuring
l
+3.0 or 5.0 Vdc Option
l
Low Cost
l
Voltage Tune Option
l
Low Profile Surface
Mount
l
Reflowable
Frequency Range
9.6 to 25 MHz
Stability Options
1 = ±1.0 PPM
2 = ±2.5 PPM
3 = ±3.5 PPM
4 = ±5.0 PPM
0°C to +50°C
-30°C to +70°C
-30°C to +70°C
-40°C to +85°C
Stability vs Supply
<±0.3 PPM vs B+ ±5%
Aging (Typical)
<1.0 PPM/year at +40°C dynamic
Input Voltage & Current
A = +5.0 Vdc ±5% <2 mA
B = +3.0 Vdc ±5% <1.5 mA
Output
Clipped Sinewave
1.0 VP-P minimum with 5.0 Vdc
input
0.7 VP-P minimum with 3.0 Vdc
input
Load
10 K // 10 pf
Mechanical Trim
±3.0 PPM Minimum
Trim Options
0 = Mechanical Trim
1 = ±5.0 PPM minimum Voltage
Control & Mechanical Trimmer
Standard Packaging
<1000 pcs boxed
>1000 pcs Tape and Reel
Typical P/N
VTB2-2B0 12.8 MHz
2 = ±2.5 PPM
B = +3.0 Vdc
0 = Mechanical trim adjust
We welcome your custom requests and will issue a custom part
number for items that are not listed.


Similar Part No. - VTB2-1A0

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VTB2-2B0 VECTRON-VTB2-2B0 Datasheet
960Kb / 2P
   VTB2-XXX Miniature TCXOs
VTB2-XXX VECTRON-VTB2-XXX Datasheet
960Kb / 2P
   VTB2-XXX Miniature TCXOs
More results

Similar Description - VTB2-1A0

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VTB1 VECTRON-VTB1 Datasheet
152Kb / 2P
   Miniature TCXOs
logo
List of Unclassifed Man...
T1100 ETC-T1100 Datasheet
105Kb / 3P
   Miniature TCXOs
logo
Vectron International, ...
T-1100 VECTRON-T-1100 Datasheet
111Kb / 3P
   Miniature TCXOs
VTA1 VECTRON-VTA1 Datasheet
271Kb / 2P
   VTA1 Miniature TCXOs
VTA2 VECTRON-VTA2 Datasheet
165Kb / 2P
   VTA2 Miniature TCXOs
VTB2-XXX VECTRON-VTB2-XXX Datasheet
960Kb / 2P
   VTB2-XXX Miniature TCXOs
TC140 VECTRON-TC140 Datasheet
88Kb / 2P
   Temperature Compensated Crystal Oscillators (TCXOs)
B-8 VECTRON-B-8 Datasheet
249Kb / 3P
   Dual-In-Line Package (DIP) TCXOs
TC-350 VECTRON-TC-350 Datasheet
763Kb / 6P
   Low Profile TCXOs Temperature Compensated Crystal Oscillators
logo
Advanced Crystal Techno...
ACT381T ACT-ACT381T Datasheet
92Kb / 1P
   ange of four and six pad TCXOs and VCTCXOs
15/11/05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com