Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL4009-4PF100C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QL4009-4PF100C
Description  9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4009-4PF100C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QL4009-4PF100C Datasheet HTML 1Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 2Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 3Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
www.quicklogic.com
© 2002 QuickLogic Corporation
QL4009 QuickRAM Data Sheet Rev B
AC Characteristics at V
CC = 3.3 V, TA = 25° C (K = 1.00)
To calculate delays, multiply the appropriate K factor from Table 10: Operating Range by the
following numbers in the tables provided.
Figure 3: QuickRAM Logic Cell
Table 1: Logic Cell
Symbol
Parameter
Propagation Delays (ns)
Fanout (5)
1
2
3
4
5
t
PD
Combinatorial Delaya
a. These limits are derived from a representative selection of the slowest paths through the Quick-
RAM logic cell including typical net delays. Worst case delay values for specific paths should be
determined from timing analysis of your particular design.
1.4
1.7
1.9
2.2
3.2
tSU
Setup Timea
1.7
1.7
1.7
1.7
1.7
t
H
Hold Time
0.0
0.0
0.0
0.0
0.0
t
CLK
Clock to Q Delay
0.7
1.0
1.2
1.5
2.5
tCWHI
Clock High Time
1.2
1.2
1.2
1.2
1.2
t
CWLO
Clock Low Time
1.2
1.2
1.2
1.2
1.2
t
SET
Set Delay
1.0
1.3
1.5
1.8
2.8
tRESET
Reset Delay
0.8
1.1
1.3
1.6
2.6
t
SW
Set Width
1.9
1.9
1.9
1.9
1.9
t
RW
Reset Width
1.8
1.8
1.8
1.8
1.8
QS
A1
A2
A3
A4
A5
A6
F1
F2
F3
F4
F5
F6
QS
OP
B1
B2
C1
C2
MP
MS
D1
D2
E1
E2
NP
NS
QC
QR
OZ
AZ
QZ
NZ
FZ


Similar Part No. - QL4009-4PF100C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100C ETC-QL4016-0CF100C Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100I ETC-QL4016-0CF100I Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100M ETC-QL4016-0CF100M Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100M ETC1-QL4016-0CF100M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4009-4PF100C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
   58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com