Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL4009-1PF84I Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # QL4009-1PF84I
Description  9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4009-1PF84I Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button QL4009-1PF84I Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4009-1PF84I Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4009-1PF84I Datasheet HTML 9Page - List of Unclassifed Manufacturers QL4009-1PF84I Datasheet HTML 10Page - List of Unclassifed Manufacturers QL4009-1PF84I Datasheet HTML 11Page - List of Unclassifed Manufacturers QL4009-1PF84I Datasheet HTML 12Page - List of Unclassifed Manufacturers QL4009-1PF84I Datasheet HTML 13Page - List of Unclassifed Manufacturers QL4009-1PF84I Datasheet HTML 14Page - List of Unclassifed Manufacturers QL4009-1PF84I Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2002 QuickLogic Corporation
www.quicklogic.com
11
QL4009 QuickRAM Data Sheet Rev B
Power-up Sequencing
Figure 7: Power-up Requirements
The following requirements must be met when powering up the device:
(Refer to Figure 7 above)
When ramping up the power supplies keep (VCCIO -VCC)MAX 500 mV. Deviation from
this recommendation can cause permanent damage to the device.
VCCIO must lead VCC when ramping the device.
The power supply must take greater than or equal to 400 µs to reach VCC. Ramping to
VCC/VCCIO earlier than 400 µs can cause the device to behave improperly.
An internal diode is present in-between VCC and VCCIO, as shown in Figure 8.
Figure 8: Internal Diode Between V
CC and VCCIO
V
CCIO
V
CC
(V
CCIO -VCC)MAX
Time
400 us
V
CC
V CC
V CCIO
Internal Logic
Cells, RAM
blocks, etc
IO Cells


Similar Part No. - QL4009-1PF84I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100C ETC-QL4016-0CF100C Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100I ETC-QL4016-0CF100I Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100M ETC-QL4016-0CF100M Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100M ETC1-QL4016-0CF100M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4009-1PF84I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
   58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com