Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL4009-1PF84M Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # QL4009-1PF84M
Description  9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4009-1PF84M Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QL4009-1PF84M Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4009-1PF84M Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4009-1PF84M Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4009-1PF84M Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4009-1PF84M Datasheet HTML 9Page - List of Unclassifed Manufacturers QL4009-1PF84M Datasheet HTML 10Page - List of Unclassifed Manufacturers QL4009-1PF84M Datasheet HTML 11Page - List of Unclassifed Manufacturers QL4009-1PF84M Datasheet HTML 12Page - List of Unclassifed Manufacturers QL4009-1PF84M Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2002 QuickLogic Corporation
www.quicklogic.com
9
QL4009 QuickRAM Data Sheet Rev B
Table 11: DC Characteristics
Symbol
Parameter
Conditions
Min
Max
Units
V
IH
Input HIGH Voltage
0.5V
CC
V
CCIO+0.5
V
VIL
Input LOW Voltage
-0.5
0.3VCC
V
V
OH
Output HIGH Voltage
I
OH = -12 mA
2.4
V
I
OH = -500 µA
0.9V
CC
V
V
OL
Output LOW Voltage
IOL = 16 mA
a
a. Applies only to -1/-2/-3/-4 commercial grade devices. These speed grades are also PCI-compliant. All
other devices have 8 mA IOL specifications.
0.45
V
I
OL = 1.5 mA
0.1V
CC
V
I
I
I or I/O Input Leakage Current
V
I = VCCIO or GND
-10
10
µA
IOZ
3-State Output Leakage Current
VI = VCCIO or GND
-10
10
µA
C
I
Input Capacitanceb
b. Capacitance is sample tested only. Clock pins are 12 pF maximum.
10
pF
I
OS
Output Short Circuit Currentc
c. Only one output at a time. Duration should not exceed 30 seconds.
V
O = GND
-15
-180
mA
VO = VCC
40
210
mA
I
CC
D.C. Supply Currentd
d. For -1/-2/-3/-4 commercial grade devices only. Maximum ICC is 3 mA for -0 commercial grade and all
industrial grade devices. and 5 mA for all military grade devices. For AC conditions, contact QuickLog-
ic customer applications group.
V
I, VIO = VCCIO or GND
0.50 (typ)
2
mA
I
CCIO
D.C. Supply Current on V
CCIO
0
100
µA


Similar Part No. - QL4009-1PF84M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100C ETC-QL4016-0CF100C Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100I ETC-QL4016-0CF100I Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100M ETC-QL4016-0CF100M Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100M ETC1-QL4016-0CF100M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4009-1PF84M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
   58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com