Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20641-A Datasheet(PDF) 1 Page - Vicor Corporation

Part # 20641-A
Description  CAP., SOLID TANTALUM 10uF, 20%, 25V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

20641-A Datasheet(HTML) 1 Page - Vicor Corporation

  20641-A Datasheet HTML 1Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 20641-A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
2064110ESTN CTS-2064110ESTN Datasheet
563Kb / 4P
   Through Hole DIP Switch
2064110LPSTN CTS-2064110LPSTN Datasheet
426Kb / 2P
   Right Angle Panel DIP Switch
2064112ESTN CTS-2064112ESTN Datasheet
563Kb / 4P
   Through Hole DIP Switch
2064112LPSTN CTS-2064112LPSTN Datasheet
426Kb / 2P
   Right Angle Panel DIP Switch
206411ESTN CTS-206411ESTN Datasheet
563Kb / 4P
   Through Hole DIP Switch
More results

Similar Description - 20641-A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
24252 VICOR-24252 Datasheet
60Kb / 1P
   CAP, SOLID TANTALUM, 270 uF- 20%, 10V
24253 VICOR-24253 Datasheet
60Kb / 1P
   CAP, SOLID TANTALUM, 120 uF-20%, 20V
24254 VICOR-24254 Datasheet
60Kb / 1P
   CAP, SOLID TANTALUM, 68 uF -20%, 30V
24255 VICOR-24255 Datasheet
60Kb / 1P
   CAP, SOLID TANTALUM, 27 uF, -20%, 50V
logo
Murata Manufacturing Co...
GRM32DR61E106K MURATA-GRM32DR61E106K Datasheet
61Kb / 1P
   Chip Monolithic Ceramic Capacitor 1210 X5R 10uF 25V
logo
Vicor Corporation
13469 VICOR-13469 Datasheet
32Kb / 1P
   CAPACITOR, ALEL, RADIAL, 10uF, -20%, 450V
logo
NTE Electronics
TD47M50 NTE-TD47M50 Datasheet
17Kb / 1P
   SOLID TANTALUM
logo
Samsung semiconductor
CL21B105KAFNNNE SAMSUNG-CL21B105KAFNNNE Datasheet
282Kb / 3P
   CAP, 1uF, 25V, 짹10%, X7R, 0805
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com